Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MA08509D Datasheet(PDF) 2 Page - Tyco Electronics

Part No. MA08509D
Description  Amplifier, Power, 10W 8.5-10.5 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo MACOM - Tyco Electronics

MA08509D Datasheet(HTML) 2 Page - Tyco Electronics

  MA08509D_1 Datasheet HTML 1Page - Tyco Electronics MA08509D_1 Datasheet HTML 2Page - Tyco Electronics MA08509D_1 Datasheet HTML 3Page - Tyco Electronics MA08509D_1 Datasheet HTML 4Page - Tyco Electronics MA08509D_1 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Amplifier, Power, 10W
8.5—10.5 GHz
MA08509D
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Rev A
Preliminary Information
2
Operating Instructions
This device is static sensitive. Please handle with care. To
operate the device, follow these steps.
1. Apply VGG = -4 V, VDD= 0 V.
2. Ramp VDD to desired voltage, typically 10 V.
3. Adjust
VGG to set IDQ, (approximately @ –4 V).
4. Set RF input.
5. Power down sequence in reverse. Turn gate voltage off
last.
Maximum CW Operating Conditions1
Characteristic
Symbol
Min
Typ
Max
Unit
Drain Voltage
VDD
8.0
10.0
10.0
V
Gate Voltage
VGG
-4.4
-4.0
-3.6
V
Input Power
PIN
18.0
20.0
dBm
MMIC Base Temperature
TB
Note 3
°C
Recommended Operating Conditions2
Parameter
Symbol
Absolute Maximum
Units
Input Power
PIN
24.0
dBm
Drain Supply Voltage
VDD
+12.0
V
Gate Supply Voltage
VGG
-6.0
V
Quiescent Drain Current (No RF)
IDQ
2.7
A
Quiescent DC Power Dissipated (No RF)
PDISS
27
W
Junction Temperature
TJ
170
°C
Storage Temperature
TSTG
-55 to +150
°C
1. Operation beyond these limits may result in permanent damage to the part.
2. Operation outside of these ranges may reduce product reliability.
3. Maximum MMIC Base Temperature = 170°C — ΘJC* VDD * IDQ


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn