Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KS8993M Datasheet(PDF) 44 Page - Micrel Semiconductor

Part No. KS8993M
Description  Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
Download  85 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8993M Datasheet(HTML) 44 Page - Micrel Semiconductor

Back Button KS8993M Datasheet HTML 40Page - Micrel Semiconductor KS8993M Datasheet HTML 41Page - Micrel Semiconductor KS8993M Datasheet HTML 42Page - Micrel Semiconductor KS8993M Datasheet HTML 43Page - Micrel Semiconductor KS8993M Datasheet HTML 44Page - Micrel Semiconductor KS8993M Datasheet HTML 45Page - Micrel Semiconductor KS8993M Datasheet HTML 46Page - Micrel Semiconductor KS8993M Datasheet HTML 47Page - Micrel Semiconductor KS8993M Datasheet HTML 48Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 85 page
background image
Micrel, Inc.
KS8993M/ML/MI
April 2005
44
M9999-041205
MII Management (MIIM) Registers
The MIIM interface is used to access the MII PHY registers defined in this section. The SPI, I
2C, and SMI
interfaces can also be used to access these registers. The latter three interfaces use a different mapping
mechanism than the MIIM interface.
As defined in the IEEE 802.3 specification, the “PHYAD” are assigned as “0x1” for PHY port 1 and “0x2” for PHY
port 2. The “REGAD” supported are 0,1,2,3,4, and 5.
Register 0: MII Basic Control
Bit
Name
R/W
Description
Default
Reference
15
Soft reset
RO
NOT SUPPORTED
0
14
Loopback
R/W
=1, Loopback mode
=0, Normal operation
0
Reg. 29, bit 0
Reg. 45, bit 0
13
Force 100
R/W
=1, 100 Mbps
=0, 10 Mbps
0
Reg. 28, bit 6
Reg. 44, bit 6
12
AN enable
R/W
=1, Auto-negotiation enabled
=0, Auto-negotiation disabled
1
11
Power down
R/W
=1, Power down
=0, Normal operation
0
Reg. 29, bit 3
Reg. 45, bit 3
10
Isolate
RO
NOT SUPPORTED
0
9
Restart AN
R/W
=1, Restart auto-negotiation
=0, Normal operation
0
Reg. 29, bit 5
Reg. 45, bit 5
8
Force full
duplex
R/W
=1, Full duplex
=0, Half duplex
0
Reg. 28, bit 5
Reg. 44, bit 5
7
Collision test
RO
NOT SUPPORTED
0
6
Reserved
RO
0
5
Reserved
RO
0
4
Force MDI
R/W
=1, Force MDI (transmit on RXP / RXM pins)
=0, Normal operation (transmit on TXP / TXM
pins)
0
Reg. 29, bit 1
Reg. 45, bit 1
Register Number
Description
0x0
Basic Control Register
0x1
Basic Status Register
0x2
Physical Identifier I
0x3
Physical Identifier II
0x4
Auto-Negotiation Advertisement Register
0x5
Auto-Negotiation Link Partner Ability Register
0x6 – 0x1F
Not supported


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn