Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KS8993M Datasheet(PDF) 43 Page - Micrel Semiconductor

Part No. KS8993M
Description  Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
Download  85 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8993M Datasheet(HTML) 43 Page - Micrel Semiconductor

Back Button KS8993M Datasheet HTML 39Page - Micrel Semiconductor KS8993M Datasheet HTML 40Page - Micrel Semiconductor KS8993M Datasheet HTML 41Page - Micrel Semiconductor KS8993M Datasheet HTML 42Page - Micrel Semiconductor KS8993M Datasheet HTML 43Page - Micrel Semiconductor KS8993M Datasheet HTML 44Page - Micrel Semiconductor KS8993M Datasheet HTML 45Page - Micrel Semiconductor KS8993M Datasheet HTML 46Page - Micrel Semiconductor KS8993M Datasheet HTML 47Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 85 page
background image
Micrel, Inc.
KS8993M/ML/MI
April 2005
43
M9999-041205
Loopback Support
The KS8993M provides loopback support for remote diagnostic of failure. In loopback mode, the speed at both
PHY ports needs to be set to 100BASE-TX, and the “Priority Buffer reserve” bit needs to be set to 48 pre-
allocated buffers per output queue. The latter is required to prevent loopback packet drops and is achieved by
setting register 4 bit 0 to ‘1’.
Bit 0 of registers 29 and 45 is used to enable loopback for ports 1 and 2, respectively.
Alternatively, the MII Management register 0, bit 14 can be used to enable loopback.
Loopback is conducted between the KS8993M’s two PHY ports. The loopback path starts at the “Originating.”
PHY ports receive inputs (RXP/RXM), wraps around at the “loopback” PHY port’s PMD/PMA, and ends at the
“Originating” PHY port’s transmit outputs (TXP/TXM). The KS8993M loopback path is illustrated in the following
figure.
Figure 12. Loopback Path


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn