Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KS8993M Datasheet(PDF) 24 Page - Micrel Semiconductor

Part No. KS8993M
Description  Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
Download  85 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8993M Datasheet(HTML) 24 Page - Micrel Semiconductor

Back Button KS8993M Datasheet HTML 20Page - Micrel Semiconductor KS8993M Datasheet HTML 21Page - Micrel Semiconductor KS8993M Datasheet HTML 22Page - Micrel Semiconductor KS8993M Datasheet HTML 23Page - Micrel Semiconductor KS8993M Datasheet HTML 24Page - Micrel Semiconductor KS8993M Datasheet HTML 25Page - Micrel Semiconductor KS8993M Datasheet HTML 26Page - Micrel Semiconductor KS8993M Datasheet HTML 27Page - Micrel Semiconductor KS8993M Datasheet HTML 28Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 85 page
background image
Micrel, Inc.
KS8993M/ML/MI
April 2005
24
M9999-041205
Crossover Cable
A crossover cable connects an MDI device to another MDI device, or an MDI-X device to another MDI-X device.
The following diagram shows a typical crossover cable connection between two switches or hubs (two MDI-X
devices).
Receive Pair
Receive Pair
Transmit Pair
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
Transmit Pair
10/100 Ethernet
Media Dependent Interface
10/100 Ethernet
Media Dependent Interface
Modular Connector (RJ-45)
HUB
(Repeater or Switch)
Modular Connector (RJ-45)
HUB
(Repeater or Switch)
Crossover
Cable
Figure 2. Typical Crossover Cable Connection
Auto Negotiation
The KS8993M conforms to the auto negotiation protocol as described by the 802.3 committee. Auto negotiation
allows unshielded twisted pair (UTP) link partners to select the best common mode of operation. In auto
negotiation, the link partners advertise capabilities across the link to each other. If auto negotiation is not
supported or the link partner to the KS8993M is forced to bypass auto negotiation, then the mode is set by
observing the signal at the receiver. This is known as parallel mode because while the transmitter is sending auto
negotiation advertisements, the receiver is listening for advertisements or a fixed signal protocol.
The link setup is shown in the following flow diagram.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn