Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

KS8993M Datasheet(PDF) 17 Page - Micrel Semiconductor

Part No. KS8993M
Description  Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
Download  85 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

KS8993M Datasheet(HTML) 17 Page - Micrel Semiconductor

Zoom Inzoom in Zoom Outzoom out
 17 / 85 page
background image
Micrel, Inc.
KS8993M/ML/MI
April 2005
17
M9999-041205
Pin Number
Pin Name
Type
(1)
Description
114
P2_TXQ2
Ipd
Select transmit queue split on port 2
1 = split
0 = no split
The split sets up high and low priority queues. Packet priority
classification is done on ingress ports, via port-based, 802.1p
or TOS based scheme. The priority enabled queuing on port 2
is set by P2_TXQ2.
115
P1_TXQ2
Ipd
Select transmit queue split on port 1
1 = split
0 = no split
The split sets up high and low priority queues. Packet priority
classification is done on ingress ports, via port-based, 802.1p
or TOS based scheme. The priority enabled queuing on port 1
is set by P1_TXQ2.
116
P3_PP
Ipd
Select port-based priority on port 3 ingress
1 = high
0 = low
<default>
802.1p and DiffServ, if applicable, takes precedence.
117
P2_PP
Ipd
Select port-based priority on port 2 ingress
1 = high
0 = low
<default>
802.1p and DiffServ, if applicable, takes precedence.
118
P1_PP
Ipd
Select port-based priority on port 1 ingress
1 = high
0 = low
<default>
802.1p and DiffServ, if applicable, takes precedence.
119
P3_TAGINS
Ipd
Enable tag insertion on port 3 egress
1 = enable
0 = disable
All packets transmitted from port 3 will have 802.1Q tag.
Packets received with tag will be sent out intact. Packets
received without tag will be tagged with ingress port’s default
tag.
120
P2_TAGINS
Ipd
Enable tag insertion on port 2 egress
1 = enable
0 = disable
All packets transmitted from port 2 will have 802.1Q tag.
Packets received with tag will be sent out intact. Packets
received without tag will be tagged with ingress port’s default
tag.
Note:
1. Ipd = Input w/ internal pull-down.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn