Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KS8993M Datasheet(PDF) 16 Page - Micrel Semiconductor

Part No. KS8993M
Description  Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
Download  85 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8993M Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button KS8993M Datasheet HTML 12Page - Micrel Semiconductor KS8993M Datasheet HTML 13Page - Micrel Semiconductor KS8993M Datasheet HTML 14Page - Micrel Semiconductor KS8993M Datasheet HTML 15Page - Micrel Semiconductor KS8993M Datasheet HTML 16Page - Micrel Semiconductor KS8993M Datasheet HTML 17Page - Micrel Semiconductor KS8993M Datasheet HTML 18Page - Micrel Semiconductor KS8993M Datasheet HTML 19Page - Micrel Semiconductor KS8993M Datasheet HTML 20Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 85 page
background image
Micrel, Inc.
KS8993M/ML/MI
April 2005
16
M9999-041205
Pin Number
Pin Name
Type
(1)
Description
104
105
PV21
PV23
Ipu
Ipu
Port 2 port-based VLAN mask bits – Use to select which
ports may transmit packets received on port 2.
PV21 = 1, port 1 may transmit packets received on port 2
PV21 = 0, port 1 will not transmit any packets received on
port 2
PV23 = 1, port 3 may transmit packets received on port 2
PV23 = 0, port 3 will not transmit any packets received on
port 2
106
DGND
Gnd
Digital ground
107
VDDIO
P
3.3V digital VDD
108
109
PV12
PV13
Ipu
Ipu
Port 1 port-based VLAN mask bits – Use to select which
ports may transmit packets received on port 1.
PV12 = 1, port 2 may transmit packets received on port 1
PV12 = 0, port 2 will not transmit any packets received on
port 1
PV13 = 1, port 3 may transmit packets received on port 1
PV13 = 0, port 3 will not transmit any packets received on
port 1
110
P3_1PEN
Ipd
Enable 802.1p priority classification on port 3 ingress
1 = enable
0 = disable
Enable is from the receive perspective. If 802.1p processing
is disabled or there is no tag, priority is determined by the
P3_PP pin.
111
P2_1PEN
Ipd
Enable 802.1p priority classification on port 2 ingress
1 = enable
0 = disable
Enable is from the receive perspective. If 802.1p processing
is disabled or there is no tag, priority is determined by the
P2_PP pin.
112
P1_1PEN
Ipd
Enable 802.1p priority classification on port 1 ingress
1 = enable
0 = disable
Enable is from the receive perspective. If 802.1p processing
is disabled or there is no tag, priority is determined by the
P1_PP pin.
113
P3_TXQ2
Ipd
Select transmit queue split on port 3
1 = split
0 = no split
The split sets up high and low priority queues. Packet priority
classification is done on ingress ports, via port-based, 802.1p
or TOS based scheme. The priority enabled queuing on port 3
is set by P3_TXQ2.
Note:
1. P = Power supply.
Gnd = Ground.
Ipu = Input w/ internal pull-up.
Ipd = Input w/ internal pull-down.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn