Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KS8993M Datasheet(PDF) 84 Page - Micrel Semiconductor

Part No. KS8993M
Description  Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
Download  85 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8993M Datasheet(HTML) 84 Page - Micrel Semiconductor

Back Button KS8993M Datasheet HTML 77Page - Micrel Semiconductor KS8993M Datasheet HTML 78Page - Micrel Semiconductor KS8993M Datasheet HTML 79Page - Micrel Semiconductor KS8993M Datasheet HTML 80Page - Micrel Semiconductor KS8993M Datasheet HTML 81Page - Micrel Semiconductor KS8993M Datasheet HTML 82Page - Micrel Semiconductor KS8993M Datasheet HTML 83Page - Micrel Semiconductor KS8993M Datasheet HTML 84Page - Micrel Semiconductor KS8993M Datasheet HTML 85Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 84 / 85 page
background image
Micrel, Inc.
KS8993M/ML/MI
April 2005
84
M9999-041205
Selection of Isolation Transformers
A 1:1 isolation transformer is required at the line interface. An isolation transformer with integrated common-mode
choke is recommended for exceeding FCC requirements.
The following table gives recommended transformer characteristics.
Parameter
Value
Test Condition
Turns ratio
1 CT : 1 CT
Open-circuit inductance (min.)
350
µH
100mV, 100kHz, 8mA
Leakage inductance (max.)
0.4
µH
1MHz (min.)
Inter-winding capacitance (max.)
12pF
D.C. resistance (max.)
0.9
Insertion loss (max.)
1.0dB
0MHz – 65MHz
HIPOT (min.)
1500Vrms
Table 27. Transformer Selection Criteria
Magnetic Manufacturer
Part Number
Auto MDI-X
Number of Port
Bel Fuse
S558-5999-U7
Yes
1
Bel Fuse
SI-46001
Yes
1
Bel Fuse
SI-50170
Yes
1
Delta
LF8505
Yes
1
LanKom
LF-H41S
Yes
1
Pulse
H1102
Yes
1
Pulse (low cost)
H1260
Yes
1
Transpower
HB726
Yes
1
YCL
LF-H41S
Yes
1
Table 28. Qualified Single Port Magnetics
Selection of Reference Crystal
Chacteristics
Value
Units
Frequency
25.00000
MHz
Frequency tolerance (max)
±50
ppm
Load capacitance (max)
20
pF
Series resistance
25
Table 29. Typical Reference Crystal Characteristics


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn