Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KS8993M Datasheet(PDF) 75 Page - Micrel Semiconductor

Part No. KS8993M
Description  Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
Download  85 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8993M Datasheet(HTML) 75 Page - Micrel Semiconductor

Back Button KS8993M Datasheet HTML 71Page - Micrel Semiconductor KS8993M Datasheet HTML 72Page - Micrel Semiconductor KS8993M Datasheet HTML 73Page - Micrel Semiconductor KS8993M Datasheet HTML 74Page - Micrel Semiconductor KS8993M Datasheet HTML 75Page - Micrel Semiconductor KS8993M Datasheet HTML 76Page - Micrel Semiconductor KS8993M Datasheet HTML 77Page - Micrel Semiconductor KS8993M Datasheet HTML 78Page - Micrel Semiconductor KS8993M Datasheet HTML 79Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 85 page
background image
Micrel, Inc.
KS8993M/ML/MI
April 2005
75
M9999-041205
Electrical Characteristics (continued)
(1)
Parameter
Symbol
Condition
Min
Typ
Max
10BaseT Receive
Squelch Threshold
Vsq
5MHz square wave
400mV
10BaseT Transmit (measured differentially after 1:1 transformer) VDDATX = 3.3V only
Peak Differential Output Voltage
Vp
100
Ω termination on the differential
output.
2.3V
Jitters Added
100
Ω termination on the differential
output.
+ 3.5ns
Rise/Fall Time
25ns
Note:
1. Specification for packaged product only.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn