Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KS8993M Datasheet(PDF) 73 Page - Micrel Semiconductor

Part No. KS8993M
Description  Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
Download  85 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8993M Datasheet(HTML) 73 Page - Micrel Semiconductor

Back Button KS8993M Datasheet HTML 69Page - Micrel Semiconductor KS8993M Datasheet HTML 70Page - Micrel Semiconductor KS8993M Datasheet HTML 71Page - Micrel Semiconductor KS8993M Datasheet HTML 72Page - Micrel Semiconductor KS8993M Datasheet HTML 73Page - Micrel Semiconductor KS8993M Datasheet HTML 74Page - Micrel Semiconductor KS8993M Datasheet HTML 75Page - Micrel Semiconductor KS8993M Datasheet HTML 76Page - Micrel Semiconductor KS8993M Datasheet HTML 77Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 85 page
background image
Micrel, Inc.
KS8993M/ML/MI
April 2005
73
M9999-041205
Absolute Maximum Ratings
(1)
Description
Pins
Value
Supply Storage
N/A
-55°C to 150°C
Supply Voltage
VDDA, VDDAP, VDDC
VDDATX, VDDARX, VDDIO
–0.5V to 2.4V
–0.5V to 4.0V
Input Voltage (all inputs)
All Inputs
–0.5V to 4.0V
Output Voltage (all outputs
All Outputs
–0.5V to 4.0V
Lead Temperature (soldering, 10 sec)
N/A
Storage Temperature (Ts)
N/A
-55°C to 150°C
Note:
1. Exceeding the absolute maximum rating may damage the device.
Stresses greater than those listed in the table above may cause permanent damage to the device. Operation of
the device at these or any other conditions above those specified in the operating sections of this specification is
not implied. Maximum conditions for extended periods may affect reliability. Unused inputs must always be tied to
an appropriate logic voltage level.
Operating Ratings
(1)
Parameter
Symbol
Min
Typ
Max
Supply Voltages
VDDA,VDDAP,VDDC
VDDATX,VDDARX, VDDIO
1.710V
3.135V
1.8V
3.3V
1.890V
3.465V
Ambient Operating
Temperature
TA
0°C
70°C
Maximum Junction
Temperature
TJ
125°C
Thermal Resistance Junction to
Ambient
(2)
θ
JA
32
°C/W
Notes:
1. The device is not guaranteed to function outside its operating rating. Unused inputs must always be tied to an appropriate logic voltage
level (Ground to VDD).
2. No (HS) heat spreader in this package.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn