Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

KS8993M Datasheet(PDF) 65 Page - Micrel Semiconductor

Part No. KS8993M
Description  Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
Download  85 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

KS8993M Datasheet(HTML) 65 Page - Micrel Semiconductor

Zoom Inzoom in Zoom Outzoom out
 65 / 85 page
background image
Micrel, Inc.
KS8993M/ML/MI
April 2005
65
M9999-041205
Register 110 and 111
Use registers 110 and 111 to read or write data to the static MAC address table, VLAN table, dynamic address
table, or the MIB counters.
Register 110 (0x6E): Indirect Access Control 0
Bit
Name
R/W
Description
Default
7-5
Reserved
R/W
Reserved
000
4
Read high
Write low
R/W
= 1, read cycle
= 0, write cycle
0
3-2
Table select
R/W
00 = static MAC address table selected
01 = VLAN table selected
10 = dynamic address table selected
11 = MIB counter selected
00
1-0
Indirect
address high
R/W
Bit 9-8 of indirect address
00
Register 111 (0x6F): Indirect Access Control 1
Bit
Name
R/W
Description
Default
7-0
Indirect
address low
R/W
Bit 7-0 of indirect address
0000_0000
Note: Write to register 111 will actually trigger a command. Read or write access is determined by Register 110 bit 4.
Register 112 (0x70): Indirect Data Register 8
Bit
Name
R/W
Description
Default
68-64
Indirect data
R/W
Bit 68-64 of indirect data
0_0000
Register 113 (0x71): Indirect Data Register 7
Bit
Name
R/W
Description
Default
63-56
Indirect data
R/W
Bit 63-56 of indirect data
0000_0000
Register 114 (0x72): Indirect Data Register 6
Bit
Name
R/W
Description
Default
55-48
Indirect data
R/W
Bit 55-48 of indirect data
0000_0000
Register 115 (0x73): Indirect Data Register 5
Bit
Name
R/W
Description
Default
47-40
Indirect data
R/W
Bit 47-40 of indirect data
0000_0000
Register 116 (0x74): Indirect Data Register 4
Bit
Name
R/W
Description
Default
39-32
Indirect data
R/W
Bit 39-32 of indirect data
0000_0000


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn