Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KS8993M Datasheet(PDF) 62 Page - Micrel Semiconductor

Part No. KS8993M
Description  Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
Download  85 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8993M Datasheet(HTML) 62 Page - Micrel Semiconductor

Back Button KS8993M Datasheet HTML 58Page - Micrel Semiconductor KS8993M Datasheet HTML 59Page - Micrel Semiconductor KS8993M Datasheet HTML 60Page - Micrel Semiconductor KS8993M Datasheet HTML 61Page - Micrel Semiconductor KS8993M Datasheet HTML 62Page - Micrel Semiconductor KS8993M Datasheet HTML 63Page - Micrel Semiconductor KS8993M Datasheet HTML 64Page - Micrel Semiconductor KS8993M Datasheet HTML 65Page - Micrel Semiconductor KS8993M Datasheet HTML 66Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 85 page
background image
Micrel, Inc.
KS8993M/ML/MI
April 2005
62
M9999-041205
Register 30 (0x1E): Port 1 Status 0
Register 46 (0x2E): Port 2 Status 0
Register 62 (0x3E): Reserved, not applied to port 3 (continued)
Bit
Name
R/W
Description
Default
3
Partner 100BT
full-duplex
capability
RO
= 1, link partner 100BT full-duplex capable
= 0, link partner not 100BT full-duplex capable
0
2
Partner 100BT
half-duplex
capability
RO
= 1, link partner 100BT half-duplex capable
= 0, link partner not 100BT half-duplex capable
0
1
Partner 10BT
full-duplex
capability
RO
= 1, link partner 10BT full-duplex capable
= 0, link partner not 10BT full-duplex capable
0
0
Partner 10BT
half-duplex
capability
RO
= 1, link partner 10BT half-duplex capable
= 0, link partner not 10BT half-duplex capable
0
Register 31 (0x1F): Port 1 Status 1
Register 47 (0x2F): Port 2 Status 1
Register 63 (0x3F): Port 3 Status 1
Bit
Name
R/W
Description
Default
7
Reserved
RO
0
6-5
Reserved
RO
00
4
Receive flow
control enable
RO
1 = receive flow control feature is active
0 = receive flow control feature is inactive
0
3
Transmit flow
control enable
RO
1 = transmit flow control feature is active
0 = transmit flow control feature is inactive
0
2
Operation
speed
RO
1 = link speed is 100Mbps
0 = link speed is 10Mbps
0
1
Operation
duplex
RO
1 = link duplex is full
0 = link duplex is half
0
0
Far end fault
RO
= 1, far end fault status detected
= 0, no far end fault status detected
0
Note: only port
1 supports fiber;
this bit is
applicable to
port 1 only.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn