Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KS8993M Datasheet(PDF) 57 Page - Micrel Semiconductor

Part No. KS8993M
Description  Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
Download  85 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8993M Datasheet(HTML) 57 Page - Micrel Semiconductor

Back Button KS8993M Datasheet HTML 53Page - Micrel Semiconductor KS8993M Datasheet HTML 54Page - Micrel Semiconductor KS8993M Datasheet HTML 55Page - Micrel Semiconductor KS8993M Datasheet HTML 56Page - Micrel Semiconductor KS8993M Datasheet HTML 57Page - Micrel Semiconductor KS8993M Datasheet HTML 58Page - Micrel Semiconductor KS8993M Datasheet HTML 59Page - Micrel Semiconductor KS8993M Datasheet HTML 60Page - Micrel Semiconductor KS8993M Datasheet HTML 61Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 85 page
background image
Micrel, Inc.
KS8993M/ML/MI
April 2005
57
M9999-041205
Register 20 (0x14): Port 1 Control 4
Register 36 (0x24): Port 2 Control 4
Register 52 (0x34): Port 3 Control 4
Bit
Name
R/W
Description
Default
7-0
Default tag
[7:0]
R/W
Port’s default tag, containing
7-0: VID[7:0]
0x01
Note: Registers 19 and 20 (and those corresponding to other ports) serve two purposes:
1.
Associated with the ingress untagged packets, and used for egress tagging.
2.
Default VID for the ingress untagged or null-VID-tagged packets, and used for address lookup.
Register 21 (0x15): Port 1 Control 5
Register 37 (0x25): Port 2 Control 5
Register 53 (0x35): Port 3 Control 5
Bit
Name
R/W
Description
Default
7-0
Transmit high
priority rate
control [7:0]
R/W
This register along with port control 7, bits [3:0]
form a 12-bits field to determine how many
“32Kbps” high priority blocks can be transmitted
in a unit of 4Kbytes in a one second period).
0x00
Register 22 (0x16): Port 1 Control 6
Register 38 (0x26): Port 2 Control 6
Register 54 (0x36): Port 3 Control 6
Bit
Name
R/W
Description
Default
7-0
Transmit low
priority rate
control [7:0]
R/W
This register along with port control 7, bits [7:4]
form a 12-bits field to determine how many
“32Kbps” low priority blocks can be transmitted in
a unit of 4 Kbytes in a one second period).
0x00
Register 23 (0x17): Port 1 Control 7
Register 39 (0x27): Port 2 Control 7
Register 55 (0x37): Port 3 Control 7
Bit
Name
R/W
Description
Default
7-4
Transmit low
priority rate
control [11:8]
R/W
These bits along with port control 6, bits [7:0]
form a 12-bits field to determine how many
“32Kbps” low priority blocks can be transmitted in
a unit of 4Kbytes in a one second period).
0x0
3-0
Transmit high
priority rate
control [11:8]
R/W
These bits along with port control 5, bits [7:0]
form a 12-bits field to determine how many
“32Kbps” high priority blocks can be transmitted
(in a unit of 4Kbytes in a one second period).
0x0
Register 24 (0x18): Port 1 Control 8
Register 40 (0x28): Port 2 Control 8
Register 56 (0x38): Port 3 Control 8
Bit
Name
R/W
Description
Default
7-0
Receive high
priority rate
control [7:0]
R/W
This register along with port control 10, bits [3:0]
form a 12-bits field to determine how many
“32Kbps” high priority blocks can be received in a
unit of 4Kbytes in a one second period).
0x00


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn