Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

KS8993M Datasheet(PDF) 56 Page - Micrel Semiconductor

Part No. KS8993M
Description  Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
Download  85 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

KS8993M Datasheet(HTML) 56 Page - Micrel Semiconductor

Zoom Inzoom in Zoom Outzoom out
 56 / 85 page
background image
Micrel, Inc.
KS8993M/ML/MI
April 2005
56
M9999-041205
Register 18 (0x12): Port 1 Control 2
Register 34 (0x22): Port 2 Control 2
Register 50 (0x32): Port 3 Control 2
Bit
Name
R/W
Description
Default
7
Reserved
Reserved
0
6
Ingress VLAN
filtering
R/W
= 1, the switch will discard packets whose VID
port membership in VLAN table bits [18:16] does
not include the ingress port.
= 0, no ingress VLAN filtering.
0
5
Discard non
PVID packets
R/W
= 1, the switch will discard packets whose VID
does not match ingress port default VID.
= 0, no packets will be discarded
0
4
Force flow
control
R/W
= 1, will always enable flow control on the port,
regardless of AN result.
= 0, the flow control is enabled based on AN
result.
Pin value during
reset:
For port 1,
P1FFC pin
For port 2,
P2FFC pin
For port 3, this
bit has no
meaning. Flow
control is
controlled by
Reg. 6, bit 5.
3
Back pressure
enable
R/W
= 1, enable port’s half duplex back pressure
= 0, disable port’s half duplex back pressure.
Pin value during
reset:
BPEN pin
2
Transmit
enable
R/W
= 1, enable packet transmission on the port
= 0, disable packet transmission on the port
1
1
Receive
enable
R/W
= 1, enable packet reception on the port
= 0, disable packet reception on the port
1
0
Learning
disable
R/W
= 1, disable switch address learning capability
= 0, enable switch address learning
0
Note: Bits [2:0] are used for spanning tree support (see page 33).
Register 19 (0x13): Port 1 Control 3
Register 35 (0x23): Port 2 Control 3
Register 51 (0x33): Port 3 Control 3
Bit
Name
R/W
Description
Default
7-0
Default tag
[15:8]
R/W
Port’s default tag, containing
7-5 : User priority bits
4 : CFI bit
3-0 : VID[11:8]
0x00


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn