Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

KS8993M Datasheet(PDF) 47 Page - Micrel Semiconductor

Part No. KS8993M
Description  Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
Download  85 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

KS8993M Datasheet(HTML) 47 Page - Micrel Semiconductor

Zoom Inzoom in Zoom Outzoom out
 47 / 85 page
background image
Micrel, Inc.
KS8993M/ML/MI
April 2005
47
M9999-041205
Register Map: Switch & PHY (8 bit registers)
Global Registers
Register (Decimal)
Register (Hex0
Description
0-1
0x00-0x01
Chip ID Registers
2-11
0x02-0x0B
Global Control Registers
12
0x0C
Reserved Register
13-15
0x0D-0x0F
User Defined Registers
Port Registers
Register (Decimal)
Register (Hex0
Description
16-29
0x10-0x1D
Port 1 Control Registers, including MII PHY Registers
30-31
0x1E-0x1F
Port 1 Status Registers, including MII PHY Registers
32-45
0x20-0x2D
Port 2 Control Registers, including MII PHY Registers
46-47
0x2E-0x2F
Port 2 Status Registers, including MII PHY Registers
48-61
0x30-0x3D
Port 3 Control Registers, including MII PHY Registers
62-63
0x3E-0x3F
Port 3 Status Registers, including MII PHY Registers
64-95
0x40-0x5F
Reserved
Advanced Control Registers
Register (Decimal)
Register (Hex0
Description
96-103
0x60-0x67
TOS Priority Control Registers
104-109
0x68-0x6D
Switch Engine’s MAC Address Registers
110-111
0x6E-0x6F
Indirect Access Control Registers
112-120
0x70-0x78
Indirect Data Registers
121-122
0x79-0x7A
Digital Testing Status Registers
123-124
0x7B-0x7C
Digital Testing Control Registers
125-126
0x7D-0x7E
Analog Testing Control Registers
127
0x7F
Analog Testing Status Register
Global Registers
Register 0 (0x00): Chip ID0
Bit
Name
R/W
Description
Default
7-0
Family ID
RO
Chip family
0x93


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn