Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRB-XS3R3M450V10X20F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRB-XS3R3M450V10X20F
Description  Miniature Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRB-XS3R3M450V10X20F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRB-XS3R3M450V10X20F Datasheet HTML 1Page - NIC-Components Corp. NRB-XS3R3M450V10X20F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
70
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
71
®
NIC COMPONENTS CORP.
.niccomp.
.lowESR.
.RFpassives.
.SMTmagnetics.
Cap. (
µF) Code
Working Voltage (Vdc)
160
200
250
350
400
450
1.0
1R0
-
-
-
-
8X11.5
-
10X12.5
1.5
1R5
-
-
-
-
8X11.5
-
10X12.5
1.8
1R8
-
-
-
-
8X11.5
-
10X12.5
2.2
2R2
-
-
-
-
8X11.5
-
10X12.5
3.3
3R3
-
-
-
-
10X12.5
-
10X16
4.7
4R7
-
-
8X11.5 10X12.5 10X16
10X20
5.6
5R6
-
-
-
10X12.5 10X16
10X20
6.8
6R8
-
-
10X12.5 10X16
10X16
10X20
10
100
10X16
10X16
10X16
10X20
10X20 12.5X20
15
150
-
-
-
-
12.5X20 12.5X25
22
220
10X20
10X20
10X20 12.5X20
12.5X25
16X20
16X20
33
330
10X20
10X20 12.5X20 16X20
16X20
16X25
47
470
10X20 12.5X20 12.5X20 16X20
16X25
18X25
18X20
68
680 12.5x20
12.5x25
16x20
18x25
18x25
-
16x20
82
820
-
16x20
16x20
18x25
-
-
100
101
12.5x25
16x20
16x25
-
-
-
16x20
150
151
16x25
16x25
18x25
-
-
-
220
221
18x25
-
-
-
-
-
STANDARD PRODUCT AND CASE SIZE TABLE D
φ x L (mm)
Miniature Aluminum Electrolytic Capacitors
NRB-XS Series
LEAD SPACING AND DIAMETER (mm)
Case Dia. (D
Case Dia. (D
Case Dia. (D
φφφφ)))
8
10 12.5 16
18
Lead Dia. (D
Lead Dia. (D
φφ))
0.6 0.6 0.6 0.8 0.8
Lead Spacing (F)
Lead Spacing (F) 3.5 5.0 5.0 7.5 7.5
Dim.
α
0.5 0.5 0.5 0.5 0.5
Dim.
ββ
2.0 2.0 2.0 2.0 2.0
d
φ ± 0.05
Insulation Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking


Similar Part No. - NRB-XS3R3M450V10X20F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRB-XS3R3M400V10X12.5F NIC-NRB-XS3R3M400V10X12.5F Datasheet
89Kb / 4P
   Miniature Aluminum Electrolytic Capacitors
NRB-XS3R3M400V10X16F NIC-NRB-XS3R3M400V10X16F Datasheet
89Kb / 4P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRB-XS3R3M450V10X20F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com