Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHX3N50E Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PHX3N50E
Description  PowerMOS transistors Avalanche energy rated
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHX3N50E Datasheet(HTML) 4 Page - NXP Semiconductors

  PHX3N50E Datasheet HTML 1Page - NXP Semiconductors PHX3N50E Datasheet HTML 2Page - NXP Semiconductors PHX3N50E Datasheet HTML 3Page - NXP Semiconductors PHX3N50E Datasheet HTML 4Page - NXP Semiconductors PHX3N50E Datasheet HTML 5Page - NXP Semiconductors PHX3N50E Datasheet HTML 6Page - NXP Semiconductors PHX3N50E Datasheet HTML 7Page - NXP Semiconductors PHX3N50E Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product specification
PowerMOS transistors
PHX3N50E
Avalanche energy rated
Fig.1. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25 ˚C = f(Ths)
Fig.2. Normalised continuous drain current.
ID% = 100
⋅I
D/ID 25 ˚C = f(Ths); conditions: VGS ≥ 10 V
Fig.3. Safe operating area. T
hs = 25 ˚C
I
D & IDM = f(VDS); IDM single pulse; parameter tp
Fig.4. Transient thermal impedance.
Z
th j-hs = f(t); parameter D = tp/T
Fig.5. Typical output characteristics.
I
D = f(VDS); parameter VGS
Fig.6. Typical on-state resistance.
R
DS(ON) = f(ID); parameter VGS
0
20
40
60
80
100
120
140
Ths / C
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
with heatsink compound
1us
10us
100us
1ms
10ms
100ms
1s
10s
0.001
0.01
0.1
1
10
PHX1N60
tp / sec
Zth(j-hs) K/W
D = 0.5
0.2
0.1
0.05
0.02
D =
tp
tp
T
T
P
t
D
0
20
40
60
80
100
120
140
Ths / C
ID%
Normalised Current Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
with heatsink compound
0
5
10
15
20
25
30
0
1
2
3
4
5
6
7
8
PHP3N50
VDS, Drain-Source voltage (Volts)
ID, Drain current (Amps)
5 V
5.5 V
6 V
7 V
10 V
VGS = 4.5 V
Tj = 25 C
1
10
100
1000
10000
0.01
0.1
1
10
100
PHX2N50
VDS, Drain-source voltage (Volts)
ID, Drain current (Amps)
1 ms
100 ms
DC
tp = 10 us
10 ms
RDS(ON)
=
VDS/ID
100 us
0123
45
678
0
1
2
3
4
5
6
PHP3N50
5 V
5.5 V
10 V
ID, Drain current (Amps)
RDS(on), Drain-Source on resistance (Ohms)
4.5 V
VGS = 6 V
7 V
Tj = 25 C
December 1998
4
Rev 1.200


Similar Part No. - PHX3N50E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHX3N40E PHILIPS-PHX3N40E Datasheet
64Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX3N60E PHILIPS-PHX3N60E Datasheet
73Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
More results

Similar Description - PHX3N50E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP3N60E PHILIPS-PHP3N60E Datasheet
79Kb / 9P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHP11N50E PHILIPS-PHP11N50E Datasheet
41Kb / 7P
   PowerMOS transistors Avalanche energy rated
January 1998 Rev 1.000
PHP7N40E PHILIPS-PHP7N40E Datasheet
78Kb / 9P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX10N40E PHILIPS-PHX10N40E Datasheet
74Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX3N60E PHILIPS-PHX3N60E Datasheet
73Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX8N50E PHILIPS-PHX8N50E Datasheet
74Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.300
PHP10N40E PHILIPS-PHP10N40E Datasheet
115Kb / 7P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.000
PHX4N60E PHILIPS-PHX4N60E Datasheet
75Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHP6N60E PHILIPS-PHP6N60E Datasheet
74Kb / 9P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.300
PHP7N60E PHILIPS-PHP7N60E Datasheet
91Kb / 10P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.400
PHX2N60E PHILIPS-PHX2N60E Datasheet
65Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com