Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REG102UA-A Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REG102UA-A
Description  DMOS 250mA Low-Dropout Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REG102UA-A Datasheet(HTML) 4 Page - Burr-Brown (TI)

  REG102UA-A Datasheet HTML 1Page - Burr-Brown (TI) REG102UA-A Datasheet HTML 2Page - Burr-Brown (TI) REG102UA-A Datasheet HTML 3Page - Burr-Brown (TI) REG102UA-A Datasheet HTML 4Page - Burr-Brown (TI) REG102UA-A Datasheet HTML 5Page - Burr-Brown (TI) REG102UA-A Datasheet HTML 6Page - Burr-Brown (TI) REG102UA-A Datasheet HTML 7Page - Burr-Brown (TI) REG102UA-A Datasheet HTML 8Page - Burr-Brown (TI) REG102UA-A Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
REG102
4
SBVS024F
www.ti.com
TYPICAL CHARACTERISTICS
For all models, at TJ = +25°C and VENABLE = 1.8V, unless otherwise noted.
50
0
100
25
75
150
125
175 200
225
250
0.80
0.60
0.40
0.20
0
–0.20
–0.40
–0.60
–0.80
I
OUT (mA)
OUTPUT VOLTAGE CHANGE vs I
OUT
(V
IN = VOUT + 1V, Output Voltage % Change
Referred to I
OUT = 125mA at +25°C)
–55
°C
+125
°C
+25
°C
–25
–50
0
75
25
50
100
125
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
Temperature (
°C)
LOAD REGULATION vs TEMPERATURE
(V
IN = VOUT + 1V)
5mA < I
OUT < 250mA
25mA < I
OUT < 250mA
01
2
3
4
5
8
67
20
15
10
5
0
–5
–10
–15
–20
V
IN – VOUT (V)
LINE REGULATION
(Referred to V
IN = VOUT + 1V at IOUT = 125mA)
I
OUT = 5mA
All Fixed Output
Voltage Versions
I
OUT = 125mA
I
OUT = 250mA
–50
–25
0
25
50
75
100
125
0
–0.05
–0.10
–0.15
–0.20
–0.25
–0.30
Temperature (
°C)
LINE REGULATION vs TEMPERATURE
I
OUT = 250mA
(V
OUT + 1V) < VIN < 10V
(V
OUT + 0.4V) < VIN < 10V
0
50
150
100
200
250
+125
°C
250
200
150
100
50
0
I
OUT (mA)
DC DROPOUT VOLTAGE vs I
OUT
+25
°C
–55
°C
–50
125
100
75
50
25
0
–25
250
200
150
100
50
0
Temperature (
°C)
DC DROPOUT VOLTAGE vs TEMPERATURE
I
OUT = 250mA


Similar Part No. - REG102UA-A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG102UA-A TI-REG102UA-A Datasheet
484Kb / 20P
[Old version datasheet]   DMOS 250mA Low-Dropout Regulator
REG102UA-A TI1-REG102UA-A Datasheet
961Kb / 25P
[Old version datasheet]   250mA Low-Dropout Regulator
REG102UA-A/2K5 TI-REG102UA-A/2K5 Datasheet
484Kb / 20P
[Old version datasheet]   DMOS 250mA Low-Dropout Regulator
REG102UA-A/2K5 TI1-REG102UA-A/2K5 Datasheet
961Kb / 25P
[Old version datasheet]   250mA Low-Dropout Regulator
REG102UA-A/2K5G4 TI1-REG102UA-A/2K5G4 Datasheet
961Kb / 25P
[Old version datasheet]   250mA Low-Dropout Regulator
More results

Similar Description - REG102UA-A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG102 BURR-BROWN-REG102_08 Datasheet
699Kb / 23P
   DMOS 250mA Low-Dropout Regulator
logo
Texas Instruments
REG102 TI-REG102 Datasheet
484Kb / 20P
[Old version datasheet]   DMOS 250mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
   250mA Low-Dropout Regulator
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
[Old version datasheet]   250mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954 Datasheet
170Kb / 12P
   250mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Monolithic Power System...
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
   Low Dropout 250mA Linear Regulator
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
   Low Dropout 250mA Linear Regulator
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954_08 Datasheet
188Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Monolithic Power System...
MP8902 MPS-MP8902 Datasheet
573Kb / 9P
   Low Dropout 250mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com