Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHX1N60E Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PHX1N60E
Description  PowerMOS transistor Isolated version of PHP1N60E
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHX1N60E Datasheet(HTML) 4 Page - NXP Semiconductors

  PHX1N60E Datasheet HTML 1Page - NXP Semiconductors PHX1N60E Datasheet HTML 2Page - NXP Semiconductors PHX1N60E Datasheet HTML 3Page - NXP Semiconductors PHX1N60E Datasheet HTML 4Page - NXP Semiconductors PHX1N60E Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Philips Semiconductors
Objective specification
PowerMOS transistor
PHX1N60E
MECHANICAL DATA
Dimensions in mm
Net Mass: 2 g
Fig.1. SOT186A; The seating plane is electrically isolated from all terminals.
Notes
1. Observe the general handling precautions for electrostatic-discharge sensitive devices (ESDs) to prevent
damage to MOS gate oxide.
2. Refer to mounting instructions for F-pack envelopes.
3. Epoxy meets UL94 V0 at 1/8".
10.3
max
3.2
3.0
4.6
max
2.9 max
2.8
seating
plane
6.4
15.8
max
0.6
2.5
2.54
5.08
12
3
3 max.
not tinned
3
0.5
2.5
0.9
0.7
M
0.4
15.8
max.
19
max.
13.5
min.
Recesses (2x)
2.5
0.8 max. depth
1.0 (2x)
1.3
November 1996
4
Rev 1.000


Similar Part No. - PHX1N60E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHX1N40 PHILIPS-PHX1N40 Datasheet
60Kb / 7P
   PowerMOS transistor
June 1997 1 Rev 1.000
PHX1N40E PHILIPS-PHX1N40E Datasheet
24Kb / 5P
   PowerMOS transistor Isolated version of PHP2N40E
November 1996 Rev 1.000
PHX1N50E PHILIPS-PHX1N50E Datasheet
24Kb / 5P
   PowerMOS transistor Isolated version fo PHP1N50E
November 1996 Rev 1.000
More results

Similar Description - PHX1N60E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHX15N06E PHILIPS-PHX15N06E Datasheet
57Kb / 7P
   PowerMOS transistor Isolated version of PHP20N06E
November 1996 Rev 1.000
PHX4N50E PHILIPS-PHX4N50E Datasheet
24Kb / 5P
   PowerMOS transistor Isolated version of PHP4N50E
November 1996 Rev 1.000
PHX5N50E PHILIPS-PHX5N50E Datasheet
24Kb / 5P
   PowerMOS transistor Isolated version of PHP8N50E
November 1996 Rev 1.000.
PHX5N40E PHILIPS-PHX5N40E Datasheet
24Kb / 5P
   PowerMOS transistor Isolated version of PHP10N40E
November 1996 Rev 1.000
PHX1N40E PHILIPS-PHX1N40E Datasheet
24Kb / 5P
   PowerMOS transistor Isolated version of PHP2N40E
November 1996 Rev 1.000
PHX2N40E PHILIPS-PHX2N40E Datasheet
24Kb / 5P
   PowerMOS transistor Isolated version of PHP4N40E
November 1996 Rev 1.000
BUK475-60H PHILIPS-BUK475-60H Datasheet
74Kb / 7P
   PowerMOS transistor Isolated version of BUK455-60H
November 1996 Rev 1.200
BUK475-200A PHILIPS-BUK475-200A Datasheet
58Kb / 7P
   PowerMOS transistor Isolated version of BUK455-200A/B
June 1996 Rev 1.200
BUK475-100A PHILIPS-BUK475-100A Datasheet
76Kb / 7P
   PowerMOS transistor Isolated version of BUK455-100A/B
November 1996 Rev 1.200
BUK474-200A PHILIPS-BUK474-200A Datasheet
79Kb / 7P
   PowerMOS transistor Isolated version of BUK454-200A/B
April 1998 Rev 1.100
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com