Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HAT3021R Datasheet(PDF) 6 Page - Renesas Technology Corp

Part No. HAT3021R
Description  Silicon N/P Channel Power MOS FET Power Switching
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT3021R Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HAT3021R Datasheet HTML 2Page - Renesas Technology Corp HAT3021R Datasheet HTML 3Page - Renesas Technology Corp HAT3021R Datasheet HTML 4Page - Renesas Technology Corp HAT3021R Datasheet HTML 5Page - Renesas Technology Corp HAT3021R Datasheet HTML 6Page - Renesas Technology Corp HAT3021R Datasheet HTML 7Page - Renesas Technology Corp HAT3021R Datasheet HTML 8Page - Renesas Technology Corp HAT3021R Datasheet HTML 9Page - Renesas Technology Corp HAT3021R Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HAT3021R
Rev.2.00, Oct.06.2004, page 6 of 10
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width
0
0.4
0.8
1.2
1.6
2.0
10
5
VGS = 0 V, –5 V
5 V
Source to Drain Voltage
VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
Pulse Test
10 V
D = 1
0.05
0.02
0.01
1shot
pulse
10
µ
100
µ
1 m
10 m
100 m
1
10
100
1000
10000
10
1
0.1
0.01
0.001
0.0001
DM
P
PW
T
D =
PW
T
θch - f(t) = γs (t) x θch - f
θch - f = 125°C/W, Ta = 25°C
When using the glass epoxy board
(FR4 40x40x1.6 mm)
0.1
0.2
0.5
Vin Monitor
D.U.T.
Vin
10 V
R L
V
= 30 V
DS
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
Vout
Monitor
90%
10%
t f
Switching Time Test Circuit
Switching Time Waveform
Rg


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn