Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MA4EXP240L-1277 Datasheet(PDF) 2 Page - Tyco Electronics

Part No. MA4EXP240L-1277
Description  Silicon Double Balanced HMIC Mixer 2300 - 2800 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4EXP240L-1277 Datasheet(HTML) 2 Page - Tyco Electronics

  MA4EXP240L-1277 Datasheet HTML 1Page - Tyco Electronics MA4EXP240L-1277 Datasheet HTML 2Page - Tyco Electronics MA4EXP240L-1277 Datasheet HTML 3Page - Tyco Electronics MA4EXP240L-1277 Datasheet HTML 4Page - Tyco Electronics MA4EXP240L-1277 Datasheet HTML 5Page - Tyco Electronics MA4EXP240L-1277 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Silicon Double Balanced
HMIC Mixer 2300 - 2800 MHz
MA4EXP240L-1277
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
RoHS
Compliant
Electrical Specifications @ +25 °C
Parameter
Frequency
Test Conditions
Units
Min.
Avg.
Max.
Conversion Loss
2500 MHz
2300-2800 MHz
LO Drive = +7 dBm
RF = -10 dBm, IF = 60 MHz
dB
-
-
8.3
8.5
9.8
10.5
L - R Isolation
2500 MHz
2300-2800 MHz
LO Drive = +7 dBm
RF Level = -10 dBm
dB
-
-
51.0
51.0
-
-
L - I Isolation
2500 MHz
2300-2800 MHz
LO Drive = +7 dBm
RF Level = -10 dBm
dB
-
-
42.0
39.0
-
-
R - I Isolation
2500 MHz
2300-2800 MHz
LO Drive = +7 dBm
RF Level = -10 dBm
dB
-
-
23.0
23.0
-
-
LO VSWR
2500 MHz
2300-2800 MHz
LO Drive = +7 dBm
RF Level = -10 dBm
Ratio
2.0:1
1.9:1
RF VSWR
2500 MHz
2300-2800 MHz
LO Drive = +7 dBm
RF Level = -10 dBm
Ratio
-
-
1.6:1
1.7:1
-
-
IF VSWR
DC - 200 MHz
LO Drive = +7 dBm
RF Level = -10 dBm
Ratio
-
-
1.5:1
-
-
Input IP3
2500 MHz
2300-2800 MHz
LO Drive = +7 dBm
RF = -10 dBm, IF = 60 MHz
dBm
15
-
18.4
20.3
-
-
Input 1 dB
Compression
2500 MHz
2300-2800 MHz
LO Drive = +7 dBm
IF = 60 MHz
dBm
-
-
4.8
4.9
-
-


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn