Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4EXP190H1-1277 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA4EXP190H1-1277
Description  Silicon Double Balanced HMIC Mixer 1700 - 2200 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4EXP190H1-1277 Datasheet(HTML) 2 Page - Tyco Electronics

  MA4EXP190H1-1277 Datasheet HTML 1Page - Tyco Electronics MA4EXP190H1-1277 Datasheet HTML 2Page - Tyco Electronics MA4EXP190H1-1277 Datasheet HTML 3Page - Tyco Electronics MA4EXP190H1-1277 Datasheet HTML 4Page - Tyco Electronics MA4EXP190H1-1277 Datasheet HTML 5Page - Tyco Electronics MA4EXP190H1-1277 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Silicon Double Balanced HMIC
Mixer 1700 - 2200 MHz
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
2
MA4EXP190H1-1277T
RoHS
Compliant
Electrical Specifications @ +25 °C
Parameter
Frequency
Range
Test Conditions
Units
Min.
Avg.
Max.
Conversion Loss
1925 MHz
1700-2200 MHz
LO Drive = +19 dBm
RF = -10 dBm, IF = 60 MHz
dB
-
-
8.3
8.4
9.5
9.5
L - R Isolation
1925 MHz
1700-2200 MHz
LO Drive = +17 dBm
RF Level = -10 dBm
dB
-
-
48.0
48.0
-
-
L - I Isolation
1925 MHz
1700-2200 MHz
LO Drive = +17 dBm
RF Level = -10 dBmm
dB
-
-
46.0
44.0
-
-
R - I Isolation
1925 MHz
1700-2200 MHz
LO Drive = +17 dBm
RF Level = -10 dBm
dB
-
-
25.0
25.0
-
-
RF VSWR
1925 MHz
1700-2200 MHz
LO Drive = +17 dBm
RF Level = -10 dBm
Ratio
-
-
1.1:1
1.3:1
-
-
IF VSWR
DC - 500 MHz
LO Drive = +17 dBm
RF Level = -10 dBm
Ratio
-
-
1.6:1
-
-
Input IP3
2025 MHz
1700-2200 MHz
LO Drive = +19 dBm
RF = -10 dBm, IF = 60 MHz
dBm
-
-
34.0
32.0
-
-
Input 1 dB
Compression
1925 MHz
1700-2200 MHz
LO Drive = +17 dBm
IF = 60 MHz
dBm
-
-
11.3
11.2
-
-
IF1 dB Bandwidth
DC-400 MHz
LO = 1850 MHz @ +17dBm
MHz
0
-
400


Similar Part No. - MA4EXP190H1-1277

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4EXP190H1-1277T MA-COM-MA4EXP190H1-1277T Datasheet
89Kb / 6P
   Silicon Double Balanced HMIC Mixer 1700 - 2200 MHz
MA4EXP190H1-1277T MA-COM-MA4EXP190H1-1277T Datasheet
104Kb / 6P
   Silicon Double Balanced HMIC Mixer
MA4EXP190H1-1277T_V3 MA-COM-MA4EXP190H1-1277T_V3 Datasheet
104Kb / 6P
   Silicon Double Balanced HMIC Mixer
More results

Similar Description - MA4EXP190H1-1277

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4EXP190H1-1277T MA-COM-MA4EXP190H1-1277T Datasheet
89Kb / 6P
   Silicon Double Balanced HMIC Mixer 1700 - 2200 MHz
MAEXP190H-1277T MA-COM-MAEXP190H-1277T Datasheet
85Kb / 6P
   Silicon Double Balanced HMIC Mixer 1700 - 2200 MHz
MA4EX190H1-1225T MA-COM-MA4EX190H1-1225T Datasheet
79Kb / 3P
   Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
MA4EX600L1-1225T MA-COM-MA4EX600L1-1225T Datasheet
89Kb / 3P
   Silicon Double Balanced HMIC Mixer 1700 - 2500 MHz
MA4EX240H-1225T MA-COM-MA4EX240H-1225T Datasheet
88Kb / 2P
   Silicon Double Balanced HMIC Mixer 1700 - 2500 MHz
logo
Tyco Electronics
MA4EX240L-1225 MACOM-MA4EX240L-1225 Datasheet
42Kb / 2P
   Silicon Double Balanced HMIC Mixer 1700 - 2500 MHz
MA4EX240L1-1225T MACOM-MA4EX240L1-1225T Datasheet
71Kb / 3P
   Silicon Double Balanced HMIC Mixer 1700 - 2500 MHz
logo
M/A-COM Technology Solu...
MA4EX190L-1225T MA-COM-MA4EX190L-1225T Datasheet
75Kb / 2P
   Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
logo
Tyco Electronics
MA4EX190H1-1225T MACOM-MA4EX190H1-1225T Datasheet
90Kb / 3P
   Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
logo
M/A-COM Technology Solu...
MA4EX240L1-1225T MA-COM-MA4EX240L1-1225T Datasheet
64Kb / 3P
   Silicon Double Balanced HMIC Mixer 1700 - 2500 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com