Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMC-P1206X7R105K3KVTRPF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NMC-P1206X7R105K3KVTRPF
Description  Multilayer Ceramic Chip Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMC-P1206X7R105K3KVTRPF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NMC-P1206X7R105K3KVTRPF Datasheet HTML 1Page - NIC-Components Corp. NMC-P1206X7R105K3KVTRPF Datasheet HTML 2Page - NIC-Components Corp. NMC-P1206X7R105K3KVTRPF Datasheet HTML 3Page - NIC-Components Corp. NMC-P1206X7R105K3KVTRPF Datasheet HTML 4Page - NIC-Components Corp. NMC-P1206X7R105K3KVTRPF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
18
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
X7R LOW VOLTAGE VALUES AND SIZES (mm)
EIA Case Size
0805
1206
1210
1812
1825
2220
2225
Length (L)
2.00 ± 0.2
3.20 ± 0.3
3.20 ± 0.3
4.60 ± 0.3
4.60 ± 0.3
5.70 ± 0.4
5.70 ± 0.4
Width (W)
1.25 ± 0.25
1.60 ± 0.2
2.50 ± 0.2
3.20 ± 0.3
6.35 ± 0.4
5.00 ± 0.4
6.35 ± 0.4
Thickness max. (T)
1.45 max.
1.80 max.
2.60 max.
3.00 max.
2.60 max.
3.00 max.
3.00 max.
Termination Width (P)
0.20 min.
0.30 min.
0.30 min.
0.30 min.
0.30 min.
0.30 min.
0.30 min
Capacitance
Working Voltage (Vdc)
50
100
50
100
50
100
50
100
50
100
50
100
50
100
0.1
µF
0.15
0.22
0.33
0.47
0.68
1.0
1.5
2.2
3.3
4.7
6.8
10
NMC-P Series
Multilayer Ceramic Chip Capacitors
X7R HIGH V0LTAGE VALUES AND SIZES (mm)
EIA Case Size
0805
1206
1210
Length (L)
2.00 ± 0.2
3.20 ± 0.3
3.20 ± 0.3
Width (W)
1.25 ± 0.25
1.60 ± 0.2
2.50 ± 0.2
Thickness max. (T)
1.45 max.
1.80 max.
2.60 max.
Termination Width (P)
0.20 min.
0.30 min.
0.30 min.
Capacitance
Working Voltage (Vdc)
200
250
500
200
250
500
630
1K
200
250
500
1K
180pF
220
270
330
390
470
560
680
0.001
µF
0.0015
µF
0.0022
µF
0.0027
µF
0.0033
µF
0.0039
µF
0.0047
µF
0.0056
µF
0.0068
µF
0.01
µF
0.012
µF
0.015
µF
0.018
µF
0.022
µF
0.027
µF
0.033
µF
0.039
µF
0.047
µF
0.056
µF
0.068
µF
0.1
µF
0.12
µF
0.15
µF
0.18
µF
0.22
µF


Similar Part No. - NMC-P1206X7R105K3KVTRPF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMC-P1206X7R105K50TRP NIC-NMC-P1206X7R105K50TRP Datasheet
148Kb / 5P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - NMC-P1206X7R105K3KVTRPF

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com