Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MA4EX180M-1225T Datasheet(PDF) 2 Page - Tyco Electronics

Part No. MA4EX180M-1225T
Description  Silicon Double Balanced HMICTM Mixer 1300 - 1900 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4EX180M-1225T Datasheet(HTML) 2 Page - Tyco Electronics

  MA4EX180M-1225T_1 Datasheet HTML 1Page - Tyco Electronics MA4EX180M-1225T_1 Datasheet HTML 2Page - Tyco Electronics MA4EX180M-1225T_1 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon Double Balanced HMICTM Mixer
1300 - 1900 MHz
MA4EX180M-1225T
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
Electrical Specifications @ +25 °C
Parameter
Frequency
Range
Test Conditions
Units
Min.
Typ.
Max.
Conversion Loss
1550 MHz
1300-1900 MHz
LO Drive = +10 dBm
RF = -10 dBm, IF = 60 MHz
dB
dB
6.4
7.7
7.0
9.0
L - R Isolation
1550 MHz
1300-1900 MHz
LO Drive = +10 dBm
RF Level = -10 dBm
dB
dB
17.0
17.0
L - I Isolation
1550 MHz
1300-1900 MHz
LO Drive = +10 dBm
RF Level = -10 dBm
dB
dB
21.0
22.0
R - I Isolation
1550 MHz
1300-1900 MHz
LO Drive = +10 dBm
RF Level = -10 dBm
dB
dB
16.5
17.0
RF VSWR
1550 MHz
1300-1900 MHz
LO Drive = +10 dBm
RF Level = -10 dBm
1.3:1
1.6:1
IF VSWR
DC - 500 MHz
LO Drive = +10 dBm
RF Level = -10 dBm
1.5:1
Input IP3
1550 MHz
1300-1900 MHz
LO Drive = +10 dBm
IF = 60 MHz
dBm
dBm
12.5
12.0
15.0
17.0
Input 1 dB Compression
1550 MHz
1300-1900 MHz
LO Drive = +10 dBm
IF = 60 MHz
dBm
dBm
5.0
6.0
IF 1 dB Bandwidth
MHz
0
500
LO VSWR
1550 MHz
1300-1900 MHz
LO Drive = +10 dBm
RF Level = -10 dBm
1.7:1
2.0:1
Typical Performance Curves (LO Drive = +15 dBm, RF = -10 dBm, IF = 60 MHz)
Isolation
Conversion Loss
5.000
5.500
6.000
6.500
7.000
7.500
1300
1350
1400
1450
1500
1550
1600
1650
1700
1750
1800
1850
1900
FREQUENCY (MHz)
PLO = 7dBm
PLO = 13dBm
PLO = 10dBm
-30
-25
-20
-15
-10
-5
0
1300
1350
1400
1450
1500
1550
1600
1650
1700
1750
1800
1850
1900
FREQUENCY (MHz)
R-I
L-I
L-R
IF VSWR
Input IP3 & 1 dB Compression Point
1.00
1.50
2.00
2.50
3.00
3.50
4.00
1300
1350
1400
1450
1500
1550
1600
1650
1700
1750
1800
1850
1900
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
I Port
R Port
L Port
0
5
10
15
20
25
1300 1350 1400 1450 1500
1550 1600
1650 1700
1750
1800 1850 1900
FREQUENCY (MHz)
1db Compression
PLO = 7dBm
PLO = 10dBm
PLO = 13 dBm


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn