Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AAT3194 Datasheet(PDF) 6 Page - Advanced Analogic Technologies

Part No. AAT3194
Description  High Efficiency 1.5X Fractional Charge Pump For White LED Applications
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANALOGICTECH [Advanced Analogic Technologies]
Homepage  http://www.analogictech.com
Logo 

AAT3194 Datasheet(HTML) 6 Page - Advanced Analogic Technologies

Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AAT3194
High Efficiency 1.5X Fractional Charge
Pump For White LED Applications
6
3194.2006.09.1.0
Typical Characteristics
VIN = 3.5V, CIN = COUT = C1 = C2 = 1µF; TA = 25°C, unless otherwise noted.
0.750
0.775
0.800
0.825
0.850
0.875
0.900
0.925
0.950
0.975
1.000
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
IN (V)
VIH
VIL
V
IH and VIL vs. VIN
IDIODE vs. VDIODE
0
20
40
60
80
100
3.0
3.2
3.4
3.6
3.8
4.0
V
DIODE (V)
IDIODE Response
(-9dB to -10dB)
Time (10µs/div)
ENSET
(2V/div)
IDIODE
-9dB
0dB
-10dB
-31dB
I
DIODE vs. VIN
0
20
40
60
80
100
3.0
3.5
4.0
4.5
VIN (V)
IDIODE Response
(-31dB to 0dB)
Time (10µs/div)
ENSET
(2V/div)
IDIODE
-31dB
0dB
Normalized IDIODE vs. Temperature
0.95
0.96
0.97
0.98
0.99
1.00
1.01
1.02
-40
-20
0
20
40
60
80
100
Temperature (
°C)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn