Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPC271M2D8ZTRF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NPC271M2D8ZTRF
Description  Surface Mount Solid Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPC271M2D8ZTRF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NPC271M2D8ZTRF Datasheet HTML 1Page - NIC-Components Corp. NPC271M2D8ZTRF Datasheet HTML 2Page - NIC-Components Corp. NPC271M2D8ZTRF Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
61
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Frequency
1KHz
<=f<
10KHz
10KHz
<=f<
100KHz
100KHz
<=f<
1MHz
Correction
Factor
0.6
0.85
1.0
RIPPLE CURRENT
FREQUENCY CORRECTION FACTORS
NIC Part Number
(+250°C Reflow)
NIC Part Number
(+260°C Reflow)
WV
Cap.
Max. LC
Tan
δ
Max. Ripple Current
100KHz @ +105°C
Max. ESR
+20°C & 100KHz (
Ω)
Height
H ± 0.1
(Vdc)
(
µF)
(
µA)
NPC181M4D8ZTRF
-
4.0
180
28.8
0.10
3,500
0.009
2.9
NPC221M4D8ZTRF
-
220
35.2
0.10
3,500
0.009
2.9
NPC271M4D8ZTRF
-
270
43.2
0.10
3,500
0.009
2.9
NPC100M6.3D1TRF
-
6.3
10
2.5
0.05
1,900
0.050
1.4
NPC330M6.3D6TRF
NPC330M6.3D6ATRF
33
8.3
0.05
3,000
0.015
1.9
NPC470M6.3D1XTRF
NPC470M6.3D1XATRF
47
11.8
0.05
3,000
0.010
1.4
NPC470M6.3D6XTRF
NPC470M6.3D6XATRF
47
11.8
0.05
3,000
0.013
1.9
NPC470M6.3D6ZTRF
-
47
11.8
0.05
3,000
0.010
1.9
NPC560M6.3D6XTRF
-
56
14.1
0.05
3,000
0.010
1.9
NPC680M6.3D6XTRF
-
68
17.1
0.05
3,000
0.010
1.9
NPC820M6.3D6XTRF
-
82
20.7
0.05
3,000
0.010
1.9
NPC101M6.3D6XTRF
-
100
25.2
0.05
3,000
0.010
1.9
NPC101M6.3D7XTRF
NPC101M6.3D7XATRF
100
25.2
0.10
3,500
0.010
2.7
NPC121M6.3D8ZTRF
-
120
30.2
0.10
3,500
0.009
2.9
NPC151M6.3D8ZTRF
-
150
37.8
0.10
3,500
0.009
2.9
NPC150M8D6TRF
-
8
15
4.8
0.05
3,000
0.015
1.9
NPC330M8D7XTRF
-
33
10.6
0.10
3,000
0.013
2.7
Surface Mount Solid Aluminum
Electrolytic Capacitors
NPC Series
STANDARD PRODUCTS AND SPECIFICATIONS
TEMINATION MATERIAL:
Au: 0.003 ~ 0.014
µm
Pd: 0.02 ~ 0.07
µm
Ni: 0.5 ~ 2.0
µm
Ni: 0.5 ~ 2.0
µm
Pd: 0.02 ~ 0.07
µm
Au: 0.003 ~ 0.014
µm
Cu: 100 ±8
µm
DIMENSIONS (mm)
VOLTAGE CODES
Voltage
Code
2.0VDC
d
2.5VDC
e
4.0VDC
g
6.3VDC
j
8.0VDC
k
Case Code
L ±0.2
W ±0.2
H ±0.1
W1 ±0.1
S ±0.2
D1
7.3
4.3
1.4
2.4
1.3
D6
1.9
D7
2.7
D8
2.9
W1
+
Anode Polarity
Indicator
Series Indentifier
Voltage Code
Capacitance Value
Lot Number
W
H
L
S
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capactitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
PART NUMBERING SYSTEM
NPC 101 M 6.3 D7 X A TR F
RoHS Compliant
Tape and Reel
A - Denotes +260°C Reflow Temp.
Performance Characteristic
(X = std, Z = reduced ESR)
Case Size
Working Voltage (Vdc)
Tolerance Code M=20%, K=10%
Capacitance Code in
µF, first 2 digits are
significant, third digits no. of zeros
Series


Similar Part No. - NPC271M2D8ZTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPC271M2D8YATRF NIC-NPC271M2D8YATRF Datasheet
103Kb / 4P
   Surface Mount Solid Polymer Aluminum Electrolytic Capacitors
More results

Similar Description - NPC271M2D8ZTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPC NIC-NPC_14 Datasheet
103Kb / 4P
   Surface Mount Solid Polymer Aluminum Electrolytic Capacitors
logo
Kemet Corporation
A765EB397M0ELAE020 KEMET-A765EB397M0ELAE020 Datasheet
4Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
A767EB226M1HLAE050 KEMET-A767EB226M1HLAE050 Datasheet
3Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
logo
NIC-Components Corp.
NSP NIC-NSP_14 Datasheet
257Kb / 6P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
NSP NIC-NSP Datasheet
72Kb / 5P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com