Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MH16V72AWJ-5 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. MH16V72AWJ-5
Description  FAST PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH16V72AWJ-5 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MH16V72AWJ-5 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH16V72AWJ-5 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH16V72AWJ-5 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH16V72AWJ-5 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH16V72AWJ-5 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH16V72AWJ-5 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH16V72AWJ-5 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH16V72AWJ-5 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH16V72AWJ-5 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MITSUBISHI LSIs
MH16V72AWJ -5, -6
Preliminary Spec.
MITSUBISHI
ELECTRIC
26/Feb./1997
FAST PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MIT-DS-0070-0.0
(
/ 20 )
Specifications subject to
change without notice.
DESCRIPTION
The MH16V72AWJ is 16777216-word x 64-bit dynamic
ram module. This consist of eighteen industry standard
16M x 4 dynamic RAMs in SOJ and one industry standard
EEPROM in TSSOP.
The mounting of SOJs and TSSOP on a card edge dual
in-line package provides any application where high
densities and large of quantities memory are required.
This is a socket-type memory module ,suitable for easy
interchange or addition of module.
FEATURES
MH16V72AWJ-5
Type name
/RAS
access
time
(max.ns)
/CAS
Address
/OE
Cycle
Power
access
time
(max.ns)
access
time
(max.ns)
access
time
(max.ns)
time
(min.ns)
dissipation
(typ.W)
50
13
25
13
15
90
110
Utilizes industry standard 16M x 4 RAMs in SOJ and industry
standard EEPROM in TSSOP
168-pin (84-pin dual dual in-line package)
Single +3.3V(±0.3V) supply operation
Low stand-by power dissipation
19.44mW(Max) . . . . . . . . . . . . . . . . . . . LVCMOS input level
Low operation power dissipation
MH16V72AWJ -5 . . . . . . . . . . . . . . . . . . 6.48W(Max)
MH16V72AWJ -6 . . . . . . . . . . . . . . . . . . 5.84W(Max)
All input are directly LVTTL compatible
All output are three-state and directly LVTTL compatible
Includes(0.22uF x 18) decoupling capacitors
4096 refresh cycle every 64ms
Fast-page mode,Read-modify-write,
/CAS before /RAS refresh,Hidden refresh capabilities
Gold plating contact pads
APPLICATION
Main memory unit for computers , Microcomputer memory
5.40
4.50
PIN CONFIGURATION
1pin
10pin
11pin
40pin
41pin
84pin
85pin
94pin
95pin
124pin
125pin
168pin
FRONT SIDE
BACK SIDE
60
15
30
MH16V72AWJ-6
1
Row Address
Column Address
A0 ~ A12
A0 ~ A10


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MH16V724AWJ-5 FAST PAGE MODE 1207959552 - BIT 16777216 - WORD BY 72 - BIT DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH16V7245BATJ-5 HYPER PAGE MODE 1207959552 - BIT 16777216 - WORD BY 72 - BIT DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH16V7245BWJ-5 HYPER PAGE MODE 1207959552 - BIT 16777216 - WORD BY 72 - BIT DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH16V644AWJ-5 FAST PAGE MODE 1073741824 - BIT 16777216 - WORD BY 64 - BIT DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH16V725BATJ-5 HYPER PAGE MODE 1207959552 - BIT 16777216 - WORD BY 72 - BIT DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH16V725BWJ-5 HYPER PAGE MODE 1207959552 - BIT 16777216 - WORD BY 72 - BIT DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH16V64AWJ-5 FAST PAGE MODE 1073741824 - BIT 16777216 - WORD BY 64 - BIT DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH16V6445BWJ-5 HYPER PAGE MODE 1073741824 - BIT 16777216 - WORD BY 64 - BIT DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH8V724AWZJ-5 FAST PAGE MODE 603979776 - BIT 8388608 - WORD BY 72 - BIT DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH16V645BWJ-5 HYPER PAGE MODE 1073741824 - BIT 16777216 - WORD BY 64 - BIT DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn