Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MH16V72AWJ-5 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part No. MH16V72AWJ-5
Description  FAST PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH16V72AWJ-5 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button MH16V72AWJ-5 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH16V72AWJ-5 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH16V72AWJ-5 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH16V72AWJ-5 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH16V72AWJ-5 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH16V72AWJ-5 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH16V72AWJ-5 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH16V72AWJ-5 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MH16V72AWJ-5 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MITSUBISHI LSIs
MH16V72AWJ -5, -6
Preliminary Spec.
MITSUBISHI
ELECTRIC
26/Feb./1997
FAST PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MIT-DS-0070-0.0
(
/ 20 )
Specifications subject to
change without notice.
(Ta = 0~70°C, Vcc = 3.3V±0.3V, Vss = 0V, unless otherwise noted)
(Ta=0~70°C, Vcc=3.3V±0.3V, Vss=0V, unless otherwise noted) (Note 2)
ABSOLUTE MAXIMUM RATINGS
Symbol
Vcc
IO
Pd
Topr
Tstg
Parameter
Conditions
Ratings
-0.5~ 4.6
50
18
0~70
-40~125
With respect to Vss
Ta=25°C
Supply voltage
Output current
Power dissipation
Operating temperature
Storage temperature
RECOMMENDED OPERATING CONDITIONS
Unit
Limits
Min
Nom
Max
V
V
V
V
3.6
0
Vcc+0.3
0.8
3.3
0
3.0
0
2.0
-0.3
Parameter
Supply voltage
Supply voltage
High-level input voltage, all inputs
Low-level input voltage
Vcc
Symbol
Vss
VIH
VIL
(Ta=0~70°C, unless otherwise noted) (Note 1)
ELECTRICAL CHARACTERISTICS
CAPACITANCE
Symbol
VOH
VOL
IOZ
I I
ICC1 (AV)
ICC2
ICC4(AV)
ICC6(AV)
High-level output voltage
Parameter
Limits
Min
Max
Unit
Typ
Test conditions
Low-level output voltage
Off-state output current
Input current (except /CAS)
Average supply
current
from Vcc operating
(Note 3,4,5)
(Note 3,4,5)
(Note 3,5)
Supply current from Vcc , stand-by
Average supply current
from Vcc
Hyper-Page-Mode
Average supply current from
Vcc
/CAS before /RAS refresh
mode
IOH=-2.0mA
IOL=2.0mA
Q floating 0V
≤VOUT≤ Vcc
0V
≤VIN≤Vcc+0.3, Other input pins=0V
/RAS, /CAS cycling
tRC=tWC=min.
output open
/RAS=/CAS =VIH, output open
/RAS=/CAS=WE
≥Vcc -0.2, output open
/RAS=VIL,/CAS cycling
tPC=min.
output open
/CAS before /RAS refresh cycling
tRC=min.
output open
Note 2: Current flowing into an IC is positive, out is negative.
3: Icc1 (AV), Icc4 (AV) and Icc6 (AV) are dependent on cycle rate. Maximum current is measured at the fastest cycle rate.
4: Icc1 (AV) and Icc4 (AV) are dependent on output loading. Specified values are obtained with the output open.
5: Under condition of column address being changed once or less while /RAS=VIL and /CAS=VIH
I I (CAS)
Input current (/CAS)
0V
≤VIN≤Vcc+0.3, Other input pins=0V
2.4
0
-10
-180
-30
Vcc
0.4
10
180
30
V
V
uA
mA
mA
mA
mA
Limits
Min
Max
Unit
Typ
pF
pF
pF
CI
CI (/CAS)
C(DQ)
Symbol
Parameter
Test conditions
Input capacitance, /CAS input
Input/Output capacitance,DATA
VI=Vss
f=1MHZ
Vi=25mVrms
Input capacitance, except /CAS input
140
20
15
Unit
V
mA
W
°C
°C
- 5
- 6
- 6
1800
1620
1440
2160
18
9
Note 1 : All voltage values are with respect to Vss
uA
uA
6
- 6
- 5
1620
- 5
2340
C(SCL)
C(SDA)
Input/Output capacitance,SPD DATA
Input capacitance, SPD clock
7
7
C(SA0~3) Input capacitance, SPD address
7
pF
pF
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MH16V724AWJ-5 FAST PAGE MODE 1207959552 - BIT 16777216 - WORD BY 72 - BIT DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH16V7245BATJ-5 HYPER PAGE MODE 1207959552 - BIT 16777216 - WORD BY 72 - BIT DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH16V7245BWJ-5 HYPER PAGE MODE 1207959552 - BIT 16777216 - WORD BY 72 - BIT DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH16V644AWJ-5 FAST PAGE MODE 1073741824 - BIT 16777216 - WORD BY 64 - BIT DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH16V725BATJ-5 HYPER PAGE MODE 1207959552 - BIT 16777216 - WORD BY 72 - BIT DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH16V725BWJ-5 HYPER PAGE MODE 1207959552 - BIT 16777216 - WORD BY 72 - BIT DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH16V64AWJ-5 FAST PAGE MODE 1073741824 - BIT 16777216 - WORD BY 64 - BIT DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH16V6445BWJ-5 HYPER PAGE MODE 1073741824 - BIT 16777216 - WORD BY 64 - BIT DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH8V724AWZJ-5 FAST PAGE MODE 603979776 - BIT 8388608 - WORD BY 72 - BIT DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH16V645BWJ-5 HYPER PAGE MODE 1073741824 - BIT 16777216 - WORD BY 64 - BIT DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn