Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WP113SRSGWT Datasheet(PDF) 1 Page - Kingbright Corporation

Part # WP113SRSGWT
Description  2x5mm RECTANGULAR LED LAMP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP113SRSGWT Datasheet(HTML) 1 Page - Kingbright Corporation

  WP113SRSGWT Datasheet HTML 1Page - Kingbright Corporation WP113SRSGWT Datasheet HTML 2Page - Kingbright Corporation WP113SRSGWT Datasheet HTML 3Page - Kingbright Corporation WP113SRSGWT Datasheet HTML 4Page - Kingbright Corporation WP113SRSGWT Datasheet HTML 5Page - Kingbright Corporation WP113SRSGWT Datasheet HTML 6Page - Kingbright Corporation WP113SRSGWT Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SPEC NO: DSAF2583
REV NO: V.3
DATE: MAY/22/2007
PAGE: 1 OF 7
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1101000606
2x5mm RECTANGULAR LED LAMP
Part Number: WP113SRSGWT
Super Bright Red
Super Bright Green
Features
LOW POWER CONSUMPTION.
RELIABLE AND RUGGED.
EXCELLENT UNIFORMITY OF LIGHT OUTPUT.
SUITABLE FOR LEVEL INDICATOR.
LONG LIFE - SOLID STATE RELIABILITY.
RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with
Gallium Aluminum Arsenide Red Light Emitting Diode.
The Super Bright Green source color devices are made with
Gallium Phosphide Green Light Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.


Similar Part No. - WP113SRSGWT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP113SRDT KINGBRIGHT-WP113SRDT Datasheet
258Kb / 6P
   2x5mm RECTANGULAR LED LAMP
WP113SRDT KINGBRIGHT-WP113SRDT Datasheet
317Kb / 6P
   2x5mm RECTANGULAR LED LAMP
WP113SRDT KINGBRIGHT-WP113SRDT_15 Datasheet
317Kb / 6P
   2x5mm RECTANGULAR LED LAMP
More results

Similar Description - WP113SRSGWT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP113EDT KINGBRIGHT-WP113EDT_15 Datasheet
318Kb / 6P
   2x5mm RECTANGULAR LED LAMP
WP113SRDT KINGBRIGHT-WP113SRDT_15 Datasheet
317Kb / 6P
   2x5mm RECTANGULAR LED LAMP
WP113GDT KINGBRIGHT-WP113GDT_07 Datasheet
260Kb / 6P
   2x5mm RECTANGULAR LED LAMP
WP113SRDT KINGBRIGHT-WP113SRDT Datasheet
258Kb / 6P
   2x5mm RECTANGULAR LED LAMP
WP113HDT KINGBRIGHT-WP113HDT Datasheet
260Kb / 6P
   2x5mm RECTANGULAR LED LAMP
WP113IDT KINGBRIGHT-WP113IDT Datasheet
260Kb / 6P
   2x5mm RECTANGULAR LED LAMP
WP113YDT KINGBRIGHT-WP113YDT Datasheet
260Kb / 6P
   2x5mm RECTANGULAR LED LAMP
WP113EDT KINGBRIGHT-WP113EDT Datasheet
260Kb / 6P
   2x5mm RECTANGULAR LED LAMP
WP113GDT KINGBRIGHT-WP113GDT Datasheet
77Kb / 3P
   2x5mm RECTANGULAR LED LAMP
WP113GDT KINGBRIGHT-WP113GDT_15 Datasheet
318Kb / 6P
   2x5mm RECTANGULAR LED LAMP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com