Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NACS100K256.3X5.5TR13F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NACS100K256.3X5.5TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACS100K256.3X5.5TR13F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NACS100K256.3X5.5TR13F Datasheet HTML 1Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
5
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
Surface Mount Aluminum Electrolytic Capacitors NACS Series
FEATURES
• CYLINDRICAL V-CHIP CONSTRUCTION
• LOW PROFILE, 5.5mm MAXIMUM HEIGHT
• SPACE AND COST SAVINGS
• DESIGNED FOR REFLOW SOLDERING
CHARACTERISTICS
** For higher voltages, 200V and 400V, see NACV series.
MAXIMUM PERMISSIBLE RIPPLECURRENT
(mA rms AT 120Hz AND 85OC)
MAXIMUM ESR
(
Ω AT 120Hz AND 20OC)
*Optional ± 10% (K) Tolerance available on most values. Contact factory for availability.
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
NACS 100 M 35V 4x5.5 TR 13 F
RoHS Compliant
97% Sn (min.), 3% Bi (max.)
330mm (13”) Reel
Tape & Reel
Size in mm
Working Voltage
Tolerance Code M=20%, K=10%
Capacitance Code in
µF, first 2 digits are significant
Third digit is no. of zeros, “R” indicates decimal for
values under 10
µF
Series
PART NUMBER SYSTEM
0.3mm max.
D
φ
L
+
-
I
I
W
P
A
B
STANDARD PRODUCT AND CASE SIZE D
φ xL (mm)
RIPPLE CURRENT FREQUENCY CORRECTION FACTOR
DIMENSIONS (mm)
Case Size D
φ±0.5 L max. A/B±0.2 I ± 0.2
W
P±0.2
4x5.5
4.0
5.5
4.3
1.8
0.5 ~ 0.8
1.0
5x5.5
5.0
5.5
5.3
2.1
0.5 ~ 0.8
1.4
6.3x5.5
6.3
5.5
6.6
2.5
0.5 ~ 0.8
2.2
Rated Voltage Rating
6.3 ~ 50Vdc**
Rated Capacitance Range
4.7 ~ 220
µF
Operating Temperature Range
-40° ~ +85°C
Capacitance Tolerance
±20%(M), ±10%(K)*
Max. Leakage Current After 2 Minutes at 20°C
0.01CV or 3
µA, whichever is greater
Surge Voltage & Max. Tan
δ
W.V. (Vdc)
6.3
10
16
25
35
50
S.V. (Vdc)
8.0
13
20
32
44
63
Tan
δ @ 120Hz/20°C
0.28
0.24
0.20
0.16
0.14
0.12
Low Temperature
Stability
(Impedance Ratio @ 120Hz)
W.V. (Vdc)
6.3
10
16
25
35
50
Z-40°C/Z +20°C
4
3
2
2
2
2
Z-55°C/Z +20°C
10
8
6
4
4
4
Load Life Test
at Rated W.V.
85°C 2,000 Hours
Capacitance Change
Within ±25% of initial measured value
Tan
δ
Less than 200% of specified value
Leakage Current
Less than specified value
Cap. (µF)
Working Voltage (Vdc)
6.3
10
16
25
35
50
4.7
-
-
-
-
-
18
10
-
-
-
20
20
27
22
-
28
28
35
36
40
33
31
32
40
42
65
-
47
36
43
44
65
-
-
56
46
46
48
68
-
-
100
47
50
-
-
-
-
150
71
76
-
-
-
-
220
74
-
-
-
-
-
Cap. (µF)
Working Voltage (Vdc)
6.3
10
16
25
35
50
4.7
-
-
-
-
-
42.3
10
-
-
-
26.5 23.2 19.9
22
-
18.1 15.1 12.1 10.6 9.05
33
14.1 12.6 10.1 8.04 7.04
-
47
9.88 8.47 7.06 5.65
-
-
56
8.29 7.11 5.92 4.74
-
-
100
4.64 3.98
-
-
-
-
150
3.10 2.66
-
-
-
-
220
2.11
-
-
-
-
-
Frequency Hz 50 < f<100 100 < f<1K 1K < f<10K f > 10K
Correcton
Factor
0.8
1.0
1.3
1.5
Cap. (µF) Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
4.7
4R7
-
-
-
-
-
4x5.5
10
100
-
-
-
4x5.5
4x5.5
5x5.5
22
220
-
4x5.5
4x5.5
5x5.5
5x5.5
6.3x5.5
33
330
4x5.5
4x5.5
5x5.5
5x5.5
6.3x5.5
-
47
470
4x5.5
5x5.5
5x5.5
6.3x5.5
-
-
56
560
5x5.5
5x5.5
5x5.5
6.3x5.5
-
-
100
101
5x5.5
5x5.5
-
-
-
-
150
151
6.3x5.5 6.3x5.5
-
-
-
-
220
221
6.3x5.5
-
-
-
-
-


Similar Part No. - NACS100K256.3X5.5TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACS100M25V4X55TR13F NIC-NACS100M25V4X55TR13F Datasheet
72Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACS100M35V4X55TR13F NIC-NACS100M35V4X55TR13F Datasheet
72Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACS100M50V5X55TR13F NIC-NACS100M50V5X55TR13F Datasheet
72Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACS100K256.3X5.5TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com