Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCS08 Datasheet(PDF) 75 Page - Motorola, Inc

Part # HCS08
Description  Microcontrollers
Download  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Datasheet(HTML) 75 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 71Page - Motorola, Inc HCS08 Datasheet HTML 72Page - Motorola, Inc HCS08 Datasheet HTML 73Page - Motorola, Inc HCS08 Datasheet HTML 74Page - Motorola, Inc HCS08 Datasheet HTML 75Page - Motorola, Inc HCS08 Datasheet HTML 76Page - Motorola, Inc HCS08 Datasheet HTML 77Page - Motorola, Inc HCS08 Datasheet HTML 78Page - Motorola, Inc HCS08 Datasheet HTML 79Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
75
MC9S08GB/GT
5.8.5 System Device Identification Register (SDIDH, SDIDL)
This read-only register is included so host development systems can identify the HCS08 derivative and
revision number. This allows the development software to recognize where specific memory blocks,
registers, and control bits are located in a target MCU.
Figure 5-6 System Device Identification Register (SDIDH, SDIDL)
REV[3:0] — Revision Number
The high-order 4 bits of address $1806 are hard coded to reflect the current mask set revision number
(0–F).
ID[11:0] — Part Identification Number
Each derivative in the HCS08 Family has a unique identification number. The MC9S08GB/GT is hard
coded to the value $002.
5.8.6 System Real-Time Interrupt Status and Control Register (SRTISC)
This register contains one read-only status flag, one write-only acknowledge bit, three read/write delay
selects, and three unimplemented bits, which always read 0.
Figure 5-7 System RTI Status and Control Register (SRTISC)
Bit 7
6
5
4321
Bit 0
Read:
REV3
REV2
REV1
REV0
ID11
ID10
ID9
ID8
Reset:
0(1)
NOTES:
1. The revision number that is hard coded into these bits reflects the current silicon revision level.
0(1)
0(1)
0(1)
0000
Read:
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
Reset:
0
0
0
00010
= Unimplemented or Reserved
Bit 7
6
5
4321
Bit 0
Read:
RTIF
0
RTICLKS
RTIE
0
RTIS2
RTIS1
RTIS0
Write:
RTIACK
Reset:
0
0
0
00000
= Unimplemented or Reserved


Similar Part No. - HCS08

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS08 INTERSIL-HCS08 Datasheet
126Kb / 8P
   Radiation Hardened Quad 2-Input AND Gate
August 1995
logo
NXP Semiconductors
HCS08 NXP-HCS08 Datasheet
2Mb / 374P
   HCS08 Microcontrollers
Revision 5, 10/2014
HCS08 NXP-HCS08 Datasheet
4Mb / 316P
   Microcontrollers
Rev. 8 1/2014
logo
JL World Company Limite...
HCS0803D JLWORLD-HCS0803D Datasheet
68Kb / 1P
   Electro-Magnetic Sound Generators
HCS0803D JLWORLD-HCS0803D Datasheet
426Kb / 1P
   Value applying Rated Voltage
More results

Similar Description - HCS08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com