Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBR4030PT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. MBR4030PT
Description  Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

MBR4030PT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR4030PT thru MBR4045PT
Symbol
Characteristics
I(AV)
Maximum Average Forward Rectified Current
@TC=125 C
IFSM
Maximum Ratings
40
400
A
A
Unit
o
Maximum Forward
Voltage (Note 1)
IF=20A @TJ=25 C
IF=20A @TJ=125 C
IF=40A @TJ=25 C
IF=40A @TJ=125 C
VF
IR
Maximum DC Reverse Current
At Rated DC Blocking Voltage
@TJ=25 C
@TJ=125 C
CJ
Typical Junction Capacitance Per Element (Note 3)
TJ
Operating Temperature Range
0.70
0.60
0.80
0.75
1.0
100
1.4
700
-55 to +150
-55 to +175
V
mA
pF
o
o
o
o
o
Typical Thermal Resistance (Note 2)
ROJC
C/W
o
C
o
NOTES: 1. 300us Pulse Width, Duty Cycle 2%.
2. Thermal Resistance Junction To Case.
3. Measured At 1.0MHz And Applied Reverse Voltage Of 4.0V DC.
o
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
Peak Forward Surge Current 8.3ms Single Half-Sine-Wave
Superimposed On Rated Load (JEDEC METHOD)
dv/dt
Voltage Rate Of Change (Rated VR)
10000
V/us
C
o
TSTG
Storage Temperature Range
FEATURES
* Metal of silicon rectifier, majority carrier conducton
* Guard ring for transient protection
* Low power loss, high efficiency
* High current capability, low VF
* High surge capacity
* For use in low voltage, high frequency inverters, free
whelling, and polarity protection applications
MECHANICAL DATA
* Case: TO-247AD molded plastic
* Polarity: As marked on the body
* Weight: 0.2 ounces, 5.6 grams
* Mounting position: Any
MBR4030PT
MBR4035PT
MBR4040PT
MBR4045PT
VRRM
V
30
35
40
45
VRMS
V
21
24.5
28
31.5
VDC
V
30
35
40
45
A=Anode, C=Cathode, TAB=Cathode
A
A
C
C(TAB)
A
C
A
Dimensions TO-247AD
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
19.81 20.32
0.780
0.800
B
20.80 21.46
0.819
0.845
C
15.75 16.26
0.610
0.640
D
3.55
3.65
0.140
0.144
E
4.32
5.49
0.170
0.216
F
5.4
6.2
0.212
0.244
G
1.65
2.13
0.065
0.084
H
-
4.5
-
0.177
J
1.0
1.4
0.040
0.055
K
10.8
11.0
0.426
0.433
L
4.7
5.3
0.185
0.209
M
0.4
0.8
0.016
0.031
N
1.5
2.49
0.087
0.102


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn