Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAL-007304-000000 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAL-007304-000000
Description  Low Noise Amplifier 0.5 - 3.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAL-007304-000000 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAL-007304-000000 Datasheet HTML 1Page - Tyco Electronics MAAL-007304-000000 Datasheet HTML 2Page - Tyco Electronics MAAL-007304-000000 Datasheet HTML 3Page - Tyco Electronics MAAL-007304-000000 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Low Noise Amplifier
0.5 - 3.0 GHz
MAAL-007304
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
2
RoHS
Compliant
Electrical Specifications: VDD = +3 V, TA = 25 °C, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
2.3 GHz
dB
24.0
25.5
27.0
Noise Figure
2.3 GHz
dB
0.7
0.85
Input Return Loss
2.3 GHz
dB
15
Output Return Loss
2.3 GHz
dB
10
Output P1dB
500 – 3000 MHz
dBm
7
Output IP3
500 – 3000 MHz
dBm
18
Current
mA
11.5
13.0
Recommended PCB Configuration
Parts List
Schematic
Component
Value
Footprint Manufacturer
C1
3 pF
0603
ATC
C2
8.2 pF
0603
ATC
C3, C4
0.1 µF
0402
Panasonic
L1
5.6 nH
0402
Panasonic
L2, L5
6.8 nH
0402
Coilcraft
L3
1.5 nH
0402
Toko
L4
4.7 nH
0402
Toko
L6
7.5 nH
0402
Coilcraft
TL1
47.5 Ω, 34° @ 2.3 GHz
TL2
47.5 Ω, 15.5° @ 2.3 GHz


Similar Part No. - MAAL-007304-000000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-007304-000000 MA-COM-MAAL-007304-000000 Datasheet
211Kb / 4P
   Low Noise Amplifier 0.5 - 3.0 GHz Rev. V4
MAAL-007304-000000 MA-COM-MAAL-007304-000000 Datasheet
744Kb / 5P
   Low Noise Amplifier
More results

Similar Description - MAAL-007304-000000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAL-008550 MACOM-MAAL-008550 Datasheet
297Kb / 6P
   Low Noise Amplifier 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MAAL-007304 MA-COM-MAAL-007304 Datasheet
211Kb / 4P
   Low Noise Amplifier 0.5 - 3.0 GHz Rev. V4
logo
Teledyne Technologies I...
TMA-4-0504 TELEDYNE-TMA-4-0504 Datasheet
892Kb / 2P
   Low Noise Amplifier 0.5 GHz - 4 GHz
TMA-4-0503 TELEDYNE-TMA-4-0503 Datasheet
892Kb / 2P
   Low Noise Amplifier 0.5 GHz - 4 GHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-665P8 AVAGO-MGA-665P8 Datasheet
214Kb / 13P
   0.5 ??6 GHz Low Noise Amplifier
logo
Skyworks Solutions Inc.
SKY65047-360LF SKYWORKS-SKY65047-360LF Datasheet
857Kb / 14P
   0.4-3.0 GHz Low Noise Amplifier
logo
Teledyne Technologies I...
TMT-4-0504 TELEDYNE-TMT-4-0504 Datasheet
892Kb / 2P
   Temperature Compensated Low Noise Amplifier 0.5 GHz - 4 GHz
TMT-4-0503 TELEDYNE-TMT-4-0503 Datasheet
892Kb / 2P
   Temperature Compensated Low Noise Amplifier 0.5 GHz - 4 GHz
logo
Agilent(Hewlett-Packard...
INA-54063 HP-INA-54063 Datasheet
117Kb / 10P
   3.0 GHz Low Noise Silicon MMIC Amplifier
logo
Broadcom Corporation.
MGA-86563 BOARDCOM-MGA-86563 Datasheet
177Kb / 8P
   0.5 ??6 GHz Low Noise GaAs MMIC Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com