Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAL-007304 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAAL-007304
Description  Low Noise Amplifier 0.5 - 3.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAL-007304 Datasheet(HTML) 1 Page - Tyco Electronics

  MAAL-007304 Datasheet HTML 1Page - Tyco Electronics MAAL-007304 Datasheet HTML 2Page - Tyco Electronics MAAL-007304 Datasheet HTML 3Page - Tyco Electronics MAAL-007304 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low Noise Amplifier
0.5 - 3.0 GHz
MAAL-007304
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
1
RoHS
Compliant
Features
• Low Noise Figure: 0.7 dB at 2.3 GHz
• Single +3 to +5 V Supply Voltage
• Low Current, 10 mA typical
• Lead-Free SOT26-6LD
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s MAAL-007304 low noise amplifier is a
GaAs MMIC amplifier in a lead-free SOT-26 surface
mount plastic package. The MAAL-007304 employs
a monolithic 2-stage self-biased design and typically
runs from a single 3.0 volt supply.
Any voltage
between 3.0 and 5.0 volts can be used, depending
on system requirements. The MAAL-007304 offers
low noise, low current, and high gain. It can be
tuned for various applications from 0.5 to 3 GHz.
M/A-COM fabricates the MAAL-007304 using a
low noise PHEMT process to realize low noise and
high gain. The process features full passivation for
performance and reliability.
Ordering Information 1
Part Number
Package
MAAL-007304-000000
Bulk Packaging
MAAL-007304-TR3000
3000 piece reel
MAAL-007304-000SMB
Sample Board Assy
Application use only
MAAL-007304-001SMB
2.3 - 2.5 GHz Configuration
1. Reference Application Note M513 for reel size information.
Absolute Maximum Ratings 2,3
Parameter
Absolute Maximum
RF Input Power
-15 dBm
Voltage
6.0 volts
Operating Temperature
-40 °C to +85 °C
Storage Temperature
-65 °C to +150 °C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near -
these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Functional Schematic
Pin Configuration
Pin No.
Pin Name
Description
1
VDD1
First stage positive supply voltage
2
GND
RF and DC Ground
3
RFIN
RF Input of the amplifier
4
SRC
First stage source
5
GND
RF and DC Ground
6
RFOUT
RF Output of the amplifier


Similar Part No. - MAAL-007304

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-007304 MA-COM-MAAL-007304 Datasheet
211Kb / 4P
   Low Noise Amplifier 0.5 - 3.0 GHz Rev. V4
MAAL-007304 MA-COM-MAAL-007304 Datasheet
211Kb / 4P
   Low Noise Amplifier
MAAL-007304-000000 MA-COM-MAAL-007304-000000 Datasheet
211Kb / 4P
   Low Noise Amplifier 0.5 - 3.0 GHz Rev. V4
MAAL-007304-000000 MA-COM-MAAL-007304-000000 Datasheet
744Kb / 5P
   Low Noise Amplifier
MAAL-007304-001SMB MA-COM-MAAL-007304-001SMB Datasheet
211Kb / 4P
   Low Noise Amplifier 0.5 - 3.0 GHz Rev. V4
More results

Similar Description - MAAL-007304

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAL-008550 MACOM-MAAL-008550 Datasheet
297Kb / 6P
   Low Noise Amplifier 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MAAL-007304 MA-COM-MAAL-007304 Datasheet
211Kb / 4P
   Low Noise Amplifier 0.5 - 3.0 GHz Rev. V4
logo
Teledyne Technologies I...
TMA-4-0504 TELEDYNE-TMA-4-0504 Datasheet
892Kb / 2P
   Low Noise Amplifier 0.5 GHz - 4 GHz
TMA-4-0503 TELEDYNE-TMA-4-0503 Datasheet
892Kb / 2P
   Low Noise Amplifier 0.5 GHz - 4 GHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-665P8 AVAGO-MGA-665P8 Datasheet
214Kb / 13P
   0.5 ??6 GHz Low Noise Amplifier
logo
Skyworks Solutions Inc.
SKY65047-360LF SKYWORKS-SKY65047-360LF Datasheet
857Kb / 14P
   0.4-3.0 GHz Low Noise Amplifier
logo
Teledyne Technologies I...
TMT-4-0504 TELEDYNE-TMT-4-0504 Datasheet
892Kb / 2P
   Temperature Compensated Low Noise Amplifier 0.5 GHz - 4 GHz
TMT-4-0503 TELEDYNE-TMT-4-0503 Datasheet
892Kb / 2P
   Temperature Compensated Low Noise Amplifier 0.5 GHz - 4 GHz
logo
Agilent(Hewlett-Packard...
INA-54063 HP-INA-54063 Datasheet
117Kb / 10P
   3.0 GHz Low Noise Silicon MMIC Amplifier
logo
Broadcom Corporation.
MGA-86563 BOARDCOM-MGA-86563 Datasheet
177Kb / 8P
   0.5 ??6 GHz Low Noise GaAs MMIC Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com