Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MA4E2054 Datasheet(PDF) 5 Page - Tyco Electronics

Part No. MA4E2054
Description  Surface Mount Low Barrier Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

MA4E2054 Datasheet(HTML) 5 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Surface Mount Low Barrier
Schottky Diode
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
5
V6
MA4E2054 Series
Also Offering
RoHS Compliant
Equivalent Parts
Typical Performance Curves @ 25°C in Chip Form, Mounted on a Microstrip Fixture
Tuned Fixture
Noise Figure vs Lo Power at 9.375 GHz
Forward Current vs Forward Voltage
and Temperature
0.01
0.1
1
10
100
1000
10000
-40
-30
-20
-10
0
10
INPUT PO W ER (dBm )
- - - - - - 1M oh m
________
100k oh ms
__ __ __
10k oh ms
__ . . __ . .
5k oh ms
Detector Output Voltage vs Input Power
and Load Resistance. Diode at Zero Bias.
Untuned Fixture at 9.375 GHz (50
Ω)
3
4
5
6
7
8
9
0.01
0.1
1
10
LO PO WER (mW)
0.1
1
10
0246
8
10
12
FREQ UENC Y (GHz )
- - - - - - 1M ohm
________
100k ohms
__ __ __
10k ohms
__ . . __ . .
5k ohms
Detector Output Voltage vs Frequency and
Load Resistance at -30 dBm. Diode at Zero
Bias. Untuned Fixture.
Detector Output Voltage vs Frequency and
Load Resistance at -30 dBm. Diode Forward
Biased at 20
μA. Untuned Fixture (50Ω)
Detector Output Voltage vs Input Power and
Load Resistance. Diode Forward Biased at
20
μA. Untuned Fixture at 9.375 GHz.
0.01
0.1
1
10
0
50
100
150
200
250
300
350
400
450
500
V
F (m V)
+125oC
25oC
-50oC
0.01
0.1
1
10
024
68
10
12
FREQ UENC Y (GHz )
- - - - - - 1M oh m
________
100k oh ms
__ __ __
10k oh ms
__ . . __ . .
5k oh ms
0.01
0.1
1
10
100
1000
10000
-50
-40
-30
-20
-10
0
10
20
INPUT PO W ER (dBm)
- - - - - - 10k oh ms
________
1M oh m
__ __ __
5k ohms


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn