Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MA4E2054 Datasheet(PDF) 4 Page - Tyco Electronics

Part No. MA4E2054
Description  Surface Mount Low Barrier Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4E2054 Datasheet(HTML) 4 Page - Tyco Electronics

  MA4E2054_1 Datasheet HTML 1Page - Tyco Electronics MA4E2054_1 Datasheet HTML 2Page - Tyco Electronics MA4E2054_1 Datasheet HTML 3Page - Tyco Electronics MA4E2054_1 Datasheet HTML 4Page - Tyco Electronics MA4E2054_1 Datasheet HTML 5Page - Tyco Electronics MA4E2054_1 Datasheet HTML 6Page - Tyco Electronics MA4E2054_1 Datasheet HTML 7Page - Tyco Electronics MA4E2054_1 Datasheet HTML 8Page - Tyco Electronics MA4E2054_1 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Surface Mount Low Barrier
Schottky Diode
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
4
V6
MA4E2054 Series
Also Offering
RoHS Compliant
Equivalent Parts
Circuit Models
SOT-23
SOT-143
SOT-323
SOD-323
LBW = 0.08nH, Lg = 0.36nh, L1 = 0.31nH, M = 0.12nH, C1 = 0.01pF,
Cp1 = 0.05pF, CP2 = 0.10pF, Cp3 = 0.05pF, Cp4 = 0.03pF
.65 nH
.65 nH
.7 nH
.05 pf
.01 pf
.13 pf
.13 pf
.01 pf
.05 pf
.013 pf
.015 pf
1
2
3
.47 n H
.05 p f
.02 pf
.2 p f
.4 7 n H
.0 2 p f
.2 p f
1
2
.6 nH
.6 nH
.6 nH
.05 pf
.06 pf
.04 pf
.04 pf
.06 pf
.05 pf
.06 pf
.04 pf
1
2
3
C1
C1
C1
C1
C1
Cp1
C1
C1
Cp2
Cp3
Cp4
1
2
4
3
7
LBW
6
8
5
LBW
Lg
MM
L1
L1
L1


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn