Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MA4E2054 Datasheet(PDF) 8 Page - Tyco Electronics

Part No. MA4E2054
Description  Surface Mount Low Barrier Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

MA4E2054 Datasheet(HTML) 8 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Surface Mount Low Barrier
Schottky Diode
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
8
V6
MA4E2054 Series
Also Offering
RoHS Compliant
Equivalent Parts
Case Styles (Cont’d)
SOT-323
SOD-323
SOD-323 (Case Style 1141)
SOT-323 (Case Style 1146)
A
E
D
J
H
G
F
10
° M AX.
C
B
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.063
0.087
1.6
2.2
B
0.045
0.053
1.15
1.35
C
0.079
0.087
2.0
2.2
D
0.047
0.055
1.2
1.4
E
0.008
0.016
0.2
0.4
F
0.031
0.039
0.8
1.0
G
0.004
0.1
H
0.003
0.08 typical
J
0.004
0.1
0.006
0.010
0.15
0.25
F
D
H
G
C
E
A
B
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.043
1.1
B
0.004
0.1
C
0.008
0.2
D
0.010
0.016
0.25
0.4
E
0.003
0.006
0.08
0.15
F
0.063
0.075
1.6
1.9
G
0.045
0.057
1.15
1.45
H
0.091
0.106
2.3
2.7
Package Parasitics
Ls = 1.2 nH
Cp = .11 pF
Package Parasitics
Ls = 1.2 nH
Cp = .11 pF


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn