Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4E2054 Datasheet(PDF) 7 Page - Tyco Electronics

Part # MA4E2054
Description  Surface Mount Low Barrier Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4E2054 Datasheet(HTML) 7 Page - Tyco Electronics

  MA4E2054_1 Datasheet HTML 1Page - Tyco Electronics MA4E2054_1 Datasheet HTML 2Page - Tyco Electronics MA4E2054_1 Datasheet HTML 3Page - Tyco Electronics MA4E2054_1 Datasheet HTML 4Page - Tyco Electronics MA4E2054_1 Datasheet HTML 5Page - Tyco Electronics MA4E2054_1 Datasheet HTML 6Page - Tyco Electronics MA4E2054_1 Datasheet HTML 7Page - Tyco Electronics MA4E2054_1 Datasheet HTML 8Page - Tyco Electronics MA4E2054_1 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Surface Mount Low Barrier
Schottky Diode
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
7
V6
MA4E2054 Series
Also Offering
RoHS Compliant
Equivalent Parts
Case Styles
SOT-23
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.048
1.22
B
0.008
0.20
C
0.040
1.00
D
0.013
0.020
0.35
0.50
E
0.003
0.006
0.08
0.15
F
0.110
0.119
2.80
3.00
G
0.047
0.056
1.20
1.40
H
0.037 typical
0.95 typical
J
0.075 typical
1.90 typical
K
0.103
2.60
L
0.024
0.60
DIM.
GRADIENT
M
10
° max.1
N
2
° . . .30°
SOT-143
SOT-143 (Case Style 1068)
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
-
0.044
-
1.10
B
-
0.044
-
1.10
C
-
0.040
-
1.00
D
0.030
0.035
0.75
0.90
E
0.013
0.020
0.35
0.50
F
0.003
0.006
0.08
0.15
G
0.110
0.119
2.80
3.00
H
0.047
0.056
1.20
1.40
J
0.075 typical
1.90 typical
K
0.075 typical
1.90 typical
L
-
0.103
-
2.6
M
-
0.024
-
0.6
DIM.
GRADIENT
N
10
° max. 1
P
2
° . . . 30°
Note: 1. Applicable on all sides
Note: 1. Applicable on all sides
F
D
H
J
A
G
L
C
E
B
K
N
M
G
J
E
K
A
H
M
C
F
B
L
P
N
D
SOT-23 (Case Style 287)
Package Parasitics
Ls = 1.4 nH
Cp = .12 pF
Package Parasitics
Ls = 1.2 nH
Cp = .14 pF


Similar Part No. - MA4E2054_1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4E2054-1141T MA-COM-MA4E2054-1141T Datasheet
759Kb / 10P
   Surface Mount Low Barrier Schottky Diode
MA4E2054A1-1146T MA-COM-MA4E2054A1-1146T Datasheet
141Kb / 9P
   Surface Mount Low Barrier Schottky Diode
MA4E2054A1-1146T MA-COM-MA4E2054A1-1146T Datasheet
759Kb / 10P
   Surface Mount Low Barrier Schottky Diode
MA4E2054A1-287T MA-COM-MA4E2054A1-287T Datasheet
141Kb / 9P
   Surface Mount Low Barrier Schottky Diode
MA4E2054A1-287T MA-COM-MA4E2054A1-287T Datasheet
759Kb / 10P
   Surface Mount Low Barrier Schottky Diode
More results

Similar Description - MA4E2054_1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4E2054 MA-COM-MA4E2054 Datasheet
141Kb / 9P
   Surface Mount Low Barrier Schottky Diode
MA4E2054 MA-COM-MA4E2054_15 Datasheet
759Kb / 10P
   Surface Mount Low Barrier Schottky Diode
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com