Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAZT100M35V5X6.3NBF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NAZT100M35V5X6.3NBF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NAZT100M35V5X6.3NBF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NAZT100M35V5X6.3NBF Datasheet HTML 1Page - NIC-Components Corp. NAZT100M35V5X6.3NBF Datasheet HTML 2Page - NIC-Components Corp. NAZT100M35V5X6.3NBF Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
47
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Aluminum Electrolytic Capacitors
NAZT Series
FEATURES
• CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING
• VERY LOW IMPEDANCE & HIGH RIPPLE CURRENT AT 100KHz
• EXTENDED LOAD LIFE (2,000 ~ 5,000 HOURS @ +105°C)
• SUITABLE FOR DC-DC CONVERTER, DC-AC INVERTER, ETC.
• DESIGNED FOR AUTOMATIC MOUNTING AND REFLOW SOLDERING
CHARACTERISTICS
LOW ESR COMPONENT
LIQUID ELECTROLYTE
For Performance Data
see www.LowESR.com
Rated Voltage Rating
6.3 ~ 50Vdc
Rated Capacitance Range
4.7 ~ 6,800
µF
Operating Temp. Range
-40 ~ +105°C
Capacitance Tolerance
±20% (M)
Max. Leakage Current
After 2 Miuntes @ 20°C
0.01CV or 3
µA
whichever is greater
Tan
δ @ 120Hz/20°C
W.V. (Vdc)
6.3
10
16
25
35
50
S.V. (Vdc)
8.0
13
20
32
44
63
4 ~ 8mm diameter
0.26
0.20
0.16
0.14
0.12
0.12
8 ~ 16mm diameter
0.28
0.24
0.22
0.16
0.14
0.14
Low Temperature
Stability
Impedance Ratio @ 120Hz
W.V. (Vdc)
6.3
10
16
25
35
50
Z-25°C/Z+20°C
322222
Z-40°C/Z+20°C
544333
Load Life Test @ 105°C
4 ~ 6mm Dia. 2,000 hours
8 ~ 16mm Dia. 5,000 hours
Capacitance Change
Within ±30% of initial measured value
Tan
δ
Less than ±300% of the specified maximum value
Leakage Current
Less than the specified maximum value
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
NAZT 101 M 16V 6.3x6.3 N B F
RoHS Compliant
Termination/Packaging Code
Reflow Temperature Code
Size in mm
Working Voltage
Tolerance Code M=20%, K=10%
Capacitance Code in
µF, first 2 digits are significant
Third digit is no. of zeros, “R” indicates decimal for
values under 10
µF
Series
PART NUMBER SYSTEM
Cap.
(
µF) Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
4.7
4R7
----
4x6.3
4x6.3
10
100
-
-
-
4x6.3
5x6.3
6.3x6.3
15
150
-
-
4x6.3
5x6.3
5x6.3
6.3x6.3
22
220
-
4x6.3
5x6.3
5x6.3
5x6.3
6.3x6.3
27
270
4x6.3
5x6.3
5x6.3
6.3x6.3 6.3x6.3
6.3x8
33
330
5x6.3
5x6.3
6.3x6.3 6.3x6.3 6.3x6.3
6.3x8
47
470
5x6.3
6.3x6.3 6.3x6.3 6.3x6.3 6.3x6.3
6.3x8
56
560
5x6.3
6.3x6.3 6.3x6.3 6.3x6.3
6.3x8
8x10.5
68
680
6.3x6.3 6.3x6.3 6.3x6.3 6.3x6.3
6.3x8
8x10.5
100
101
6.3x6.3 6.3x6.3 6.3x6.3
6.3x8
8x10.5
8x10.5
150
151
6.3x6.3 6.3x6.3
6.3x8
8x10.5
8x10.5 10x10.5
220
221
6.3x6.3
6.3x8
6.3x8
8x10.5
8x10.5 10x10.5
330
331
6.3x8
8x10.5
8x10.5
8x10.5 10x10.5 12.5x14
470
471
8x10.5
8x10.5
8x10.5 10x10.5 12.5x14
16x17
680
681
8x10.5 10x10.5 10x10.5 12.5x14 12.5x14
16x17
1000
102
8x10.5 10x10.5 12.5x14
-
16x17
16x17
1500
152
10x10.5 12.5x14
-
16x17
16x17
-
2200
222
12.5x14
-
-
16x17
-
-
3300
332
-
-
16x17
-
-
-
4700
472
-
16x17
----
6800
682
16x17
-----
DIMENSIONS (mm) AND REEL QUANTITIES
Case Size
φD±0.5 L max. A±0.2 B±0.2 I±0.3
W
P±0.3 Qty/Reel
4x6.3
4.0
6.3
4.3
4.3
1.8
0.5~0.8
1.0
1,200
5x6.3
5.0
6.3
5.3
5.3
2.2
0.5~0.8
1.4
800
6.3x6.3
6.3
6.3
6.6
6.6
2.5
0.5~0.8
2.2
800
6.3X8
6.3
8.0
6.6
6.6
2.5
0.5~0.8
2.2
500
8x10.5
8.0
10.5
8.3
8.3
2.9
0.7~1.0
3.2
300
10x10.5
10.0
10.5
10.3
10.3
3.2
1.1~1.4
4.6
300
12.5x14
12.5
14.0
12.8
12.8
4.5
1.1~1.4
4.6
200
16x17
16.0
17.0
16.3
16.3
5.5
1.8~2.1
7.0
125
0.3mm max.
D
φ
L
+
-
I
I
W
P
A
B
Code
Peak Reflow
Temperature
N
260°C
L
250°C
J
240°C
H
235°C
Code
Finish & Reel Size
B
Sn-Bi Finish & 13" Reel
LB
Sn-Bi Finish & 15" Reel
S
100% Sn Finish & 13" Reel
LS
100% Sn Finish & 15" Reel
PEAK REFLOW
TEMPERATURE CODES
STANDARD VALUES AND CASE SIZES (mm)
TERMINATION FINISH &
PACKAGING OPTIONS CODES
SAC Alloy Compatible
230°C ~ 260°C
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details


Similar Part No. - NAZT100M35V5X6.3NBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAZT100M35V5X63NBF NIC-NAZT100M35V5X63NBF Datasheet
108Kb / 6P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NAZT100M35V5X6.3NBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com