Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NACH4R7M25V5X6.3TR13F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NACH4R7M25V5X6.3TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACH4R7M25V5X6.3TR13F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NACH4R7M25V5X6.3TR13F Datasheet HTML 1Page - NIC-Components Corp. NACH4R7M25V5X6.3TR13F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
13
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
FEATURES
• CYLINDRICAL V-CHIP CONSTRUCTION
• WIDE TEMPERATURE -40° ~+105°C
• LONG LIFE (+105°C, 2000 HOURS)
• 6.3 mm MAXIMUM HEIGHT
• DESIGNED FOR REFLOW..SOLDERING
Surface Mount Aluminum Electrolytic Capacitors NACH Series
MAXIMUM ESR
(
Ω AT 120Hz AND 20OC)
MAXIMUM PERMISSIBLE RIPPLE CURRENT
(mA rms AT 120Hz AND 105OC)
* Optional ± 10% (K) Tolerance available on most values. Contact factory for availability.
** DF is 0.16 for NACH470M25V6.3X8
CHARACTERISTICS
z
H
y
c
n
e
u
q
e
r
F
0
5
0
0
1
<
f
0
0
1
K
1
<
f
K
1
K
0
1
<
f
K
0
1
≤ f <
K
0
0
1
n
o
it
c
e
r
r
o
C
r
o
t
c
a
F
8
.
0
0
.
1
3
.
1
5
.
1
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
RIPPLE CURRENT FREQUENCY CORRECTION FACTOR
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
Rated Voltage Range
4 ~ 50Vdc
Rate Capacitance Range
0.1 ~ 220
µF
Operating Temp. Range
-40°C ~ +105°C
Capacitance Tolerance
±20% (M), ±10% (K)*
Max. Leakage Current
After 2 Minutes @ 20°C
0.01CV or 3
µA
whichever is greater
Working Voltage/Surge Voltage
Max. Tan
δ @120Hz/20°C
W.V. (Vdc)
4
6.3
10
16
25
35
50
S.V. (Vdc)
5
8.0
13
20
32
44
63
Dissipation Factor
0.50
0.30
0.22
0.16
0.14**
0.12
0.12
Low Temperature Stability
Impedance Ratio @ 120Hz
Z-40°C/Z+20°C
7
4
3
2
2
2
2
Z-55/Z+20°C
12
8
6
4
4
3
3
Load Life Test @105°C
2,000 Hours
Capacitance Change
Within ±25% of initial measured value
Tan
δ
Less than 200% of specified value
Leakage Current
Less than specified value
Cap. (µF)
Working Voltage (Vdc)
4.0
6.3
10
16
25
35
50
0.1
-
-
-
-
-
-
1.0
0.22
-
-
-
-
-
-
2.0
0.33
-
-
-
-
-
-
3.0
0.47
-
-
-
-
-
-
5.0
1.0
-
-
-
-
-
-
10
2.2
-
-
-
-
-
-
16
3.3
-
-
-
-
-
-
16
4.7
-
-
-
-
22
-
23
10
-
-
-
28
-
28
35
22
-
26
-
39
-
55
-
33
-
29
43
-
65
-
-
47
34
46
-
70
-
-
-
100
61
71
-
-
-
-
-
220
82
-
-
-
-
-
-
Cap. (µF)
Working Voltage (Vdc)
4.0
6.3
10
16
25
35
50
0.1
-
-
-
-
-
-
1993
0.22
-
-
-
-
-
-
906
0.33
-
-
-
-
-
-
604
0.47
-
-
-
-
-
-
424
1.0
-
-
-
-
-
-
199
2.2
-
-
-
-
-
-
90.6
3.3
-
-
-
-
-
-
60.4
4.7
-
-
-
-
49.5
-
42.4
10
-
-
-
26.6
-
19.9
19.9
22
-
22.6
-
12.1
-
9.05
-
33
-
15.1
11.1
-
7.05
-
-
47
17.7
10.6
-
5.66
-
-
-
100
8.31
4.98
-
-
-
-
-
220
3.77
-
-
-
-
-
-


Similar Part No. - NACH4R7M25V5X6.3TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACH4R7M25V4x63TR13F NIC-NACH4R7M25V4x63TR13F Datasheet
155Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACH4R7M25V5X6.3TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com