Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LYA676-P2Q2-26 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LYA676-P2Q2-26
Description  Hyper SIDELED Hyper-Bright LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYA676-P2Q2-26 Datasheet(HTML) 4 Page - OSRAM GmbH

  LYA676-P2Q2-26 Datasheet HTML 1Page - OSRAM GmbH LYA676-P2Q2-26 Datasheet HTML 2Page - OSRAM GmbH LYA676-P2Q2-26 Datasheet HTML 3Page - OSRAM GmbH LYA676-P2Q2-26 Datasheet HTML 4Page - OSRAM GmbH LYA676-P2Q2-26 Datasheet HTML 5Page - OSRAM GmbH LYA676-P2Q2-26 Datasheet HTML 6Page - OSRAM GmbH LYA676-P2Q2-26 Datasheet HTML 7Page - OSRAM GmbH LYA676-P2Q2-26 Datasheet HTML 8Page - OSRAM GmbH LYA676-P2Q2-26 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2002-09-18
4
LS A676, LA A676, LO A676, LY A676
Kennwerte (
T
A = 25 °C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LS
LA
LO
LY
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
I
F = 20 mA
λ
peak
645
622
610
591
nm
Dominantwellenlänge
1)
(typ.)
Dominant wavelength
1)
I
F = 20 mA
λ
dom
633
± 6
615
± 6
606
–6/+3
587
–7/+8
nm
Spektrale Bandbreite bei 50 %
I
rel max
(typ.)
Spectral bandwidth at 50 %
I
rel max
I
F = 20 mA
∆λ
16
16
16
15
nm
Abstrahlwinkel bei 50 %
I
V (Vollwinkel)
(typ.)
Viewing angle at 50 %
I
V
2
ϕ
120
120
120
120
Grad
deg.
Durchlassspannung
2)
(typ.)
Forward voltage
2)
(max.)
I
F = 20 mA
V
F
V
F
2.0
2.4
2.0
2.4
2.0
2.4
2.0
2.4
V
V
Sperrstrom
(typ.)
Reverse current
(max.)
V
R = 12 V
I
R
I
R
0.01
10
0.01
10
0.01
10
0.01
10
µA
µA
Temperaturkoeffizient von
λ
peak
(typ.)
Temperature coefficient of
λ
peak
I
F = 20 mA; –10°C ≤ T ≤ 100°C
TCλpeak
0.14
0.13
0.13
0.13
nm/K
Temperaturkoeffizient von
λ
dom
(typ.)
Temperature coefficient of
λ
dom
I
F = 20 mA; –10°C ≤ T ≤ 100°C
TCλdom
0.05
0.06
0.07
0.10
nm/K
Temperaturkoeffizient von
V
F
(typ.)
Temperature coefficient of
V
F
I
F = 20 mA; –10°C ≤ T ≤ 100°C
TC
V
– 2.0 – 1.8 – 1.7 – 2.5 mV/K
Optischer Wirkungsgrad
(typ.)
Optical efficiency
I
F = 20 mA
η
opt
7
11
1111lm/W
1)
Wellenlängen werden mit einer Stromeinprägedauer von 25 ms und einer Genauigkeit von ±1 nm ermittelt.
Wavelengths are tested at a current pulse duration of 25 ms and a tolerance of ±1 nm.
2)
Spannungswerte werden mit einer Stromeinprägedauer von 1 ms und einer Genauigkeit von ±0,1 V ermittelt.
Voltages are tested at a current pulse duration of 1 ms and a tolerance of ±0.1 V.


Similar Part No. - LYA676-P2Q2-26

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYA676-Q2T1-26 OSRAM-LYA676-Q2T1-26 Datasheet
449Kb / 19P
   SIDELED
LYA676-R1S2-26 OSRAM-LYA676-R1S2-26 Datasheet
366Kb / 15P
   Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LYA676-R1T1-26 OSRAM-LYA676-R1T1-26 Datasheet
324Kb / 20P
   Optical Indicator
LYA676-S1T1-26 OSRAM-LYA676-S1T1-26 Datasheet
366Kb / 15P
   Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - LYA676-P2Q2-26

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSC876 SIEMENS-LSC876 Datasheet
319Kb / 6P
   Hyper Mini SIDELED Hyper-Bright LED
logo
OSRAM GmbH
LWY87S OSRAM-LWY87S Datasheet
157Kb / 14P
   Micro SIDELED White Hyper-Bright LED
LBC876 OSRAM-LBC876 Datasheet
134Kb / 13P
   BLUE LINE-TM HYPER MINI SIDELED HYPER-BRIGHT LED
logo
Siemens Semiconductor G...
LHA674 SIEMENS-LHA674 Datasheet
108Kb / 7P
   SIDELED Super-Bright, Hyper-Red GaAIAs-LED
logo
OSRAM GmbH
LYM676 OSRAM-LYM676 Datasheet
185Kb / 13P
   Hyper SIDELED
LBT673 OSRAM-LBT673 Datasheet
188Kb / 15P
   HYPER TOPLED, HYPER BRIGHT LED
LOP476 OSRAM-LOP476 Datasheet
586Kb / 17P
   Hyper PointLED Hyper-Bright LED
logo
Siemens Semiconductor G...
LST676 SIEMENS-LST676 Datasheet
350Kb / 7P
   Hyper TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LSR976 OSRAM-LSR976 Datasheet
143Kb / 11P
   Hyper CHIPLED Hyper-Bright LED
LYE675 OSRAM-LYE675 Datasheet
139Kb / 14P
   Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com