Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LYA676-P2Q2-26 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LYA676-P2Q2-26
Description  Hyper SIDELED Hyper-Bright LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYA676-P2Q2-26 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LYA676-P2Q2-26 Datasheet HTML 3Page - OSRAM GmbH LYA676-P2Q2-26 Datasheet HTML 4Page - OSRAM GmbH LYA676-P2Q2-26 Datasheet HTML 5Page - OSRAM GmbH LYA676-P2Q2-26 Datasheet HTML 6Page - OSRAM GmbH LYA676-P2Q2-26 Datasheet HTML 7Page - OSRAM GmbH LYA676-P2Q2-26 Datasheet HTML 8Page - OSRAM GmbH LYA676-P2Q2-26 Datasheet HTML 9Page - OSRAM GmbH LYA676-P2Q2-26 Datasheet HTML 10Page - OSRAM GmbH LYA676-P2Q2-26 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LS A676, LA A676, LO A676, LY A676
2002-09-18
7
Durchlassstrom
I
F = f (VF)
Forward Current
T
A = 25 °C
Maximal zulässiger Durchlassstrom
I
F = f (T)
Max. Permissible Forward Current
Relative Lichtstärke
I
V/IV(20 mA) = f (IF)
Relative Luminous Intensity
T
A = 25 °C
Relative Lichtstärke
I
V/IV(25 °C) = f (TA)
Relative Luminous Intensity
I
F = 20 mA
OHL00232
10
-1
1.4
1.8
2.2
2.6
3 V 3.4
0
10
1
10
10
2
5
5
mA
5
1
F
V
F
I
OHL01296
0
0
20
40
60
80 ˚C 100
T
I
F
temp. ambient
temp. solder point
A
S
T
T
5
10
15
20
25
30
35
mA
A
T
S
T
I
OHL00233
F
-1
10
V
I
10
-3
-2
-1
0
1
10
10
10
10
10
0
10
1
10
2
5
5
5
55
mA
(20 mA)
I
V
super-red
yellow
orange/amber
T
OHL00238
0
V
I
-20
0
20
40
60
˚C 100
orange
A
0.4
0.8
1.2
1.6
2.0
I
V
(25 ˚C)
yellow
amber
super-red
super-red
amber
yellow
orange


Similar Part No. - LYA676-P2Q2-26

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYA676-Q2T1-26 OSRAM-LYA676-Q2T1-26 Datasheet
449Kb / 19P
   SIDELED
LYA676-R1S2-26 OSRAM-LYA676-R1S2-26 Datasheet
366Kb / 15P
   Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LYA676-R1T1-26 OSRAM-LYA676-R1T1-26 Datasheet
324Kb / 20P
   Optical Indicator
LYA676-S1T1-26 OSRAM-LYA676-S1T1-26 Datasheet
366Kb / 15P
   Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - LYA676-P2Q2-26

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSC876 SIEMENS-LSC876 Datasheet
319Kb / 6P
   Hyper Mini SIDELED Hyper-Bright LED
logo
OSRAM GmbH
LWY87S OSRAM-LWY87S Datasheet
157Kb / 14P
   Micro SIDELED White Hyper-Bright LED
LBC876 OSRAM-LBC876 Datasheet
134Kb / 13P
   BLUE LINE-TM HYPER MINI SIDELED HYPER-BRIGHT LED
logo
Siemens Semiconductor G...
LHA674 SIEMENS-LHA674 Datasheet
108Kb / 7P
   SIDELED Super-Bright, Hyper-Red GaAIAs-LED
logo
OSRAM GmbH
LYM676 OSRAM-LYM676 Datasheet
185Kb / 13P
   Hyper SIDELED
LBT673 OSRAM-LBT673 Datasheet
188Kb / 15P
   HYPER TOPLED, HYPER BRIGHT LED
LOP476 OSRAM-LOP476 Datasheet
586Kb / 17P
   Hyper PointLED Hyper-Bright LED
logo
Siemens Semiconductor G...
LST676 SIEMENS-LST676 Datasheet
350Kb / 7P
   Hyper TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LSR976 OSRAM-LSR976 Datasheet
143Kb / 11P
   Hyper CHIPLED Hyper-Bright LED
LYE675 OSRAM-LYE675 Datasheet
139Kb / 14P
   Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com