Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSA676-N2P2-1 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LSA676-N2P2-1
Description  Hyper SIDELED Hyper-Bright LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSA676-N2P2-1 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LSA676-N2P2-1 Datasheet HTML 6Page - OSRAM GmbH LSA676-N2P2-1 Datasheet HTML 7Page - OSRAM GmbH LSA676-N2P2-1 Datasheet HTML 8Page - OSRAM GmbH LSA676-N2P2-1 Datasheet HTML 9Page - OSRAM GmbH LSA676-N2P2-1 Datasheet HTML 10Page - OSRAM GmbH LSA676-N2P2-1 Datasheet HTML 11Page - OSRAM GmbH LSA676-N2P2-1 Datasheet HTML 12Page - OSRAM GmbH LSA676-N2P2-1 Datasheet HTML 13Page - OSRAM GmbH LSA676-N2P2-1 Datasheet HTML 14Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LS A676, LA A676, LO A676, LY A676
2002-09-18
11
Wellenlöten (TTW)
(nach CECC 00802)
TTW Soldering
(acc. to CECC 00802)
OHLY0598
0
0
50
100
150
200
250
50
100
150
200
250
300
T
t
C
s
235 C
10 s
C
... 260
1. Welle
1. wave
2. Welle
2. wave
5 K/s
2 K/s
ca 200 K/s
CC
... 130
100
2 K/s
Zwangskühlung
forced cooling
Normalkurve
standard curve
Grenzkurven
limit curves


Similar Part No. - LSA676-N2P2-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSA676-P2S1-1 OSRAM-LSA676-P2S1-1 Datasheet
366Kb / 15P
   Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LSA676-Q1R2-1 OSRAM-LSA676-Q1R2-1 Datasheet
366Kb / 15P
   Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LSA676-R1S1-1 OSRAM-LSA676-R1S1-1 Datasheet
366Kb / 15P
   Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - LSA676-N2P2-1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSC876 SIEMENS-LSC876 Datasheet
319Kb / 6P
   Hyper Mini SIDELED Hyper-Bright LED
logo
OSRAM GmbH
LWY87S OSRAM-LWY87S Datasheet
157Kb / 14P
   Micro SIDELED White Hyper-Bright LED
LBC876 OSRAM-LBC876 Datasheet
134Kb / 13P
   BLUE LINE-TM HYPER MINI SIDELED HYPER-BRIGHT LED
logo
Siemens Semiconductor G...
LHA674 SIEMENS-LHA674 Datasheet
108Kb / 7P
   SIDELED Super-Bright, Hyper-Red GaAIAs-LED
logo
OSRAM GmbH
LYM676 OSRAM-LYM676 Datasheet
185Kb / 13P
   Hyper SIDELED
LBT673 OSRAM-LBT673 Datasheet
188Kb / 15P
   HYPER TOPLED, HYPER BRIGHT LED
LOP476 OSRAM-LOP476 Datasheet
586Kb / 17P
   Hyper PointLED Hyper-Bright LED
logo
Siemens Semiconductor G...
LST676 SIEMENS-LST676 Datasheet
350Kb / 7P
   Hyper TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LSR976 OSRAM-LSR976 Datasheet
143Kb / 11P
   Hyper CHIPLED Hyper-Bright LED
LYE675 OSRAM-LYE675 Datasheet
139Kb / 14P
   Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com