Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHP8N50E Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PHP8N50E
Description  PowerMOS transistors Avalanche energy rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP8N50E Datasheet(HTML) 3 Page - NXP Semiconductors

  PHP8N50E Datasheet HTML 1Page - NXP Semiconductors PHP8N50E Datasheet HTML 2Page - NXP Semiconductors PHP8N50E Datasheet HTML 3Page - NXP Semiconductors PHP8N50E Datasheet HTML 4Page - NXP Semiconductors PHP8N50E Datasheet HTML 5Page - NXP Semiconductors PHP8N50E Datasheet HTML 6Page - NXP Semiconductors PHP8N50E Datasheet HTML 7Page - NXP Semiconductors PHP8N50E Datasheet HTML 8Page - NXP Semiconductors PHP8N50E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
PowerMOS transistors
PHP8N50E, PHB8N50E, PHW8N50E
Avalanche energy rated
ELECTRICAL CHARACTERISTICS
T
j = 25 ˚C unless otherwise specified
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
V
(BR)DSS
Drain-source breakdown
V
GS = 0 V; ID = 0.25 mA
500
-
-
V
voltage
∆V
(BR)DSS / Drain-source breakdown
V
DS = VGS; ID = 0.25 mA
-
0.1
-
%/K
∆T
j
voltage temperature
coefficient
R
DS(ON)
Drain-source on resistance
V
GS = 10 V; ID = 4.8 A
-
0.6
0.85
V
GS(TO)
Gate threshold voltage
V
DS = VGS; ID = 0.25 mA
2.0
3.0
4.0
V
g
fs
Forward transconductance
V
DS = 30 V; ID = 4.8 A
3.5
6
-
S
I
DSS
Drain-source leakage current V
DS = 500 V; VGS = 0 V
-
1
25
µA
V
DS = 400 V; VGS = 0 V; Tj = 125 ˚C
-
40
250
µA
I
GSS
Gate-source leakage current V
GS = ±30 V; VDS = 0 V
-
10
200
nA
Q
g(tot)
Total gate charge
I
D = 8.5 A; VDD = 400 V; VGS = 10 V
-
55
80
nC
Q
gs
Gate-source charge
-
5.5
7
nC
Q
gd
Gate-drain (Miller) charge
-
30
45
nC
t
d(on)
Turn-on delay time
V
DD = 250 V; RD = 30 Ω;
-
18
-
ns
t
r
Turn-on rise time
R
G = 9.1 Ω
-37
-
ns
t
d(off)
Turn-off delay time
-
80
-
ns
t
f
Turn-off fall time
-
36
-
ns
L
d
Internal drain inductance
Measured from tab to centre of die
-
3.5
-
nH
L
d
Internal drain inductance
Measured from drain lead to centre of die
-
4.5
-
nH
(SOT78 and SOT429 packages only)
L
s
Internal source inductance
Measured from source lead to source
-
7.5
-
nH
bond pad
C
iss
Input capacitance
V
GS = 0 V; VDS = 25 V; f = 1 MHz
-
960
-
pF
C
oss
Output capacitance
-
140
-
pF
C
rss
Feedback capacitance
-
80
-
pF
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
T
j = 25 ˚C unless otherwise specified
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
I
S
Continuous source current
T
mb = 25˚C
-
-
8.5
A
(body diode)
I
SM
Pulsed source current (body
T
mb = 25˚C
-
-
34
A
diode)
V
SD
Diode forward voltage
I
S = 8.5 A; VGS = 0 V
-
-
1.2
V
t
rr
Reverse recovery time
I
S = 8.5 A; VGS = 0 V; dI/dt = 100 A/µs
-
440
-
ns
Q
rr
Reverse recovery charge
-
6.4
-
µC
December 1998
3
Rev 1.300


Similar Part No. - PHP8N50E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP8N20E PHILIPS-PHP8N20E Datasheet
59Kb / 7P
   PowerMOS transistor
February 1997 Rev 1.000
PHP8ND50E PHILIPS-PHP8ND50E Datasheet
91Kb / 10P
   PowerMOS transistors FREDFET, Avalanche energy rated
August 1998 Rev 1.100
More results

Similar Description - PHP8N50E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP3N60E PHILIPS-PHP3N60E Datasheet
79Kb / 9P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHP11N50E PHILIPS-PHP11N50E Datasheet
41Kb / 7P
   PowerMOS transistors Avalanche energy rated
January 1998 Rev 1.000
PHP7N40E PHILIPS-PHP7N40E Datasheet
78Kb / 9P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX10N40E PHILIPS-PHX10N40E Datasheet
74Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX3N60E PHILIPS-PHX3N60E Datasheet
73Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX8N50E PHILIPS-PHX8N50E Datasheet
74Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.300
PHP10N40E PHILIPS-PHP10N40E Datasheet
115Kb / 7P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.000
PHX4N60E PHILIPS-PHX4N60E Datasheet
75Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHP6N60E PHILIPS-PHP6N60E Datasheet
74Kb / 9P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.300
PHP7N60E PHILIPS-PHP7N60E Datasheet
91Kb / 10P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.400
PHX2N60E PHILIPS-PHX2N60E Datasheet
65Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com