Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCUT1300X01 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. TCUT1300X01
Description  Subminiature Dual Channel Transmissive Optical Sensor with
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCUT1300X01 Datasheet(HTML) 5 Page - Vishay Siliconix

  TCUT1300X01 Datasheet HTML 1Page - Vishay Siliconix TCUT1300X01 Datasheet HTML 2Page - Vishay Siliconix TCUT1300X01 Datasheet HTML 3Page - Vishay Siliconix TCUT1300X01 Datasheet HTML 4Page - Vishay Siliconix TCUT1300X01 Datasheet HTML 5Page - Vishay Siliconix TCUT1300X01 Datasheet HTML 6Page - Vishay Siliconix TCUT1300X01 Datasheet HTML 7Page - Vishay Siliconix TCUT1300X01 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TCUT1300X01
Document Number 84756
Rev. 2.2, 10-May-07
Vishay Semiconductors
www.vishay.com
5
Floor Life
Level 1, acc. JEDEC, J-STD-020. No time limit.
Reflow Solder Profile
Package Dimensions in millimeters
Figure 14. Application example
13887
74HCT14
GND
IF = 15 mA
+ VC = 5 V
10 k
Ω
VE
UQ
Figure 15. Lead (Pb)-free Reflow Solder Profile acc. J-STD-020C
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (s)
255°C
240 °C
245 °C
max. 260 °C
max. 120 s
max. 100 s
217 °C
max. 30 s
max. Ramp Up 3 °C/s
max. Ramp Down 6 °C/s
255 °C
19841
19536


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn