Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2786G+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS2786G+
Description  Standalone OCV-Based Fuel Gauge
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2786G+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS2786G+ Datasheet HTML 1Page - Maxim Integrated Products DS2786G+ Datasheet HTML 2Page - Maxim Integrated Products DS2786G+ Datasheet HTML 3Page - Maxim Integrated Products DS2786G+ Datasheet HTML 4Page - Maxim Integrated Products DS2786G+ Datasheet HTML 5Page - Maxim Integrated Products DS2786G+ Datasheet HTML 6Page - Maxim Integrated Products DS2786G+ Datasheet HTML 7Page - Maxim Integrated Products DS2786G+ Datasheet HTML 8Page - Maxim Integrated Products DS2786G+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1 of 21
050907
GENERAL DESCRIPTION
The DS2786 estimates available capacity for
rechargeable Li-Ion and Li-Ion Polymer batteries
based on the cell voltage in the open-circuit state
following a relaxation period. The open-circuit voltage
(OCV) is used to determine relative cell capacity
based on a lookup table stored in the IC. This
capability makes accurate capacity information
available immediately after a battery pack is inserted.
During periods of moderate to high rate discharging,
which preclude OCV measurements, the DS2786
uses coulomb counting as a secondary means of
estimating relative capacity.
Remaining capacity is reported in percent, along with
cell voltage, current and temperature information.
Cell characteristics and application parameters used
in the calculations are stored in on-chip EEPROM.
The DS2786 is intended for use on the host side of
portable devices, though it can also be mounted
within a battery pack. Measurement and estimated
capacity data are accessed through an I
2C interface.
Temperature data is available from an on-die sensor.
Resistance measurements of a pack identification
resistor and pack thermistor are supported by
ratiometric measurements on two auxiliary inputs.
APPLICATIONS
3G Multimedia Wireless Handsets
Digital Still Cameras
Digital Audio (MP3) Players
TYPICAL OPERATING CIRCUIT
FEATURES
Relative Capacity Calculated from
Combination Coulomb Counter and Open-
Circuit Cell Voltage (OCV) Battery Model
Accurate Warning of Low Battery Conditions
Even On First Cycle (No Learn Cycle Needed)
12-Bit Battery Voltage Measurement:
±10mV Accuracy
1.22mV LSB, 0V to 5V Input Range
11-Bit Bidirectional Current Measurement:
25
μV LSB, ±51.2mV Dynamic Range
1.67mA LSB, ±3.4A (RSNS = 15mΩ)
Current Accumulation Measurement
Resolution:
±204.8mVh Range
±13.65Ah (RSNS = 15mΩ)
Internal Temperature Measurement:
0.125°C LSB, ±3°C Accuracy
Two 11-Bit Aux Input Voltage Measurements:
±8 LSB Accuracy, Ratiometric Inputs
Eliminate Supply Accuracy Issues
VOUT Pin Drives Resistive Dividers, Reduces
Current Consumption
2-Wire Interface
Low Power Consumption:
Active Current: 50
μA typ, 80μA max
Sleep Current: 1
μA typ, 3μA max
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
DS2786G+
-20ºC to +70ºC
10-pin 3mm×3mm
TDFN
DS2786G+T&R
-20ºC to +70ºC
DS2786G+ in
Tape-and-Reel
+ Denotes lead-free package.
PIN CONFIGURATION
3mm x 3mm TDFN-10
Top View
DS2786
Standalone OCV-Based Fuel Gauge
www.maxim-ic.com
Commands, Registers, and Modes are capitalized for clarity.


Similar Part No. - DS2786G+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2786G++ MAXIM-DS2786G+ Datasheet
317Kb / 22P
   Stand-Alone OCV-Based Fuel Gauge
5/09
DS2786G+TR MAXIM-DS2786G+TR Datasheet
317Kb / 22P
   Stand-Alone OCV-Based Fuel Gauge
5/09
More results

Similar Description - DS2786G+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2786 MAXIM-DS2786_09 Datasheet
317Kb / 22P
   Stand-Alone OCV-Based Fuel Gauge
5/09
DS2786B MAXIM-DS2786B Datasheet
369Kb / 21P
   Stand-Alone OCV-Based Fuel Gauge
Rev 1; 4/10
DS2780 MAXIM-DS2780_09 Datasheet
492Kb / 31P
   Standalone Fuel Gauge IC
5/09
logo
STMicroelectronics
STEVAL-ISQ008V1 STMICROELECTRONICS-STEVAL-ISQ008V1 Datasheet
485Kb / 7P
   Fuel gauge implementation based on the STM32F103x
logo
Maxim Integrated Produc...
DS2781 MAXIM-DS2781 Datasheet
330Kb / 30P
   1-Cell or 2-Cell Standalone Fuel Gauge IC
REV: 010906
logo
Texas Instruments
BQ34Z100-G1 TI1-BQ34Z100-G1 Datasheet
1Mb / 65P
[Old version datasheet]   Wide Range Fuel Gauge
logo
Intersil Corporation
ISL6295 INTERSIL-ISL6295 Datasheet
387Kb / 25P
   Low Voltage Fuel Gauge
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
MAX17047 MAXIM-MAX17047 Datasheet
3Mb / 47P
   ModelGauge m3 Fuel Gauge
Rev 2; 4/12
logo
Intersil Corporation
ISL6295CVZ INTERSIL-ISL6295CVZ Datasheet
286Kb / 25P
   Low Voltage Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com