Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BR9.85 Datasheet(PDF) 1 Page - Kingbright Corporation

Part No. BR9.85
Description  SPACER FOR LED LAMP
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo 

BR9.85 Datasheet(HTML) 1 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPEC NO: DSAE8058
REV NO: V.1
DATE: NOV/29/2004
PAGE: 1 OF 1
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: L.Y.WU
SPACER FOR LED LAMP
Features
z
LED FIRMLY HELD BY SPACER.
z
SUITABLE FOR BACK PANEL ILLUMINATION,
CIRCUIT BOARD INDICATOR, LED INDICATOR.
z
UL RATING : 94V-0.
z
HOUSING MATERIAL: TYPE 66 NYLON.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
±0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.
BR9.85


Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BR8.7SPACER FOR LED LAMP 1 2 Kingbright Corporation
BR9.52SPACER FOR LED LAMP 1 Kingbright Corporation
BR4.83SPACER FOR LED LAMP 1 2 Kingbright Corporation
BR5.08SPACER FOR LED LAMP 1 Kingbright Corporation
BR5.85SPACER FOR LED LAMP 1 2 Kingbright Corporation
BR7.25SPACER FOR LED LAMP 1 2 Kingbright Corporation
BR7.7SPACER FOR LED LAMP 1 2 Kingbright Corporation
BR7.62SPACER FOR LED LAMP 1 2 Kingbright Corporation
BR8.24HOUSING FOR LED LAMP 1 Kingbright Corporation
RTC-51HOUSING FOR LED LAMP 1 Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn