Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTH806DTI Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH806DTI
Description  Tandem 600V HYPERFAST BOOST DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH806DTI Datasheet(HTML) 1 Page - STMicroelectronics

  STTH806DTI Datasheet HTML 1Page - STMicroelectronics STTH806DTI Datasheet HTML 2Page - STMicroelectronics STTH806DTI Datasheet HTML 3Page - STMicroelectronics STTH806DTI Datasheet HTML 4Page - STMicroelectronics STTH806DTI Datasheet HTML 5Page - STMicroelectronics STTH806DTI Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
1/6
MAIN PRODUCT CHARACTERISTICS
IF(AV)
8 A
VRRM
600 V
Tj
150°C
VF (typ)
2.24 V
IRM typ.)
4 A
trr (max)
13 ns
STTH806DTI
Tandem 600V HYPERFAST BOOST DIODE
ABSOLUTE RATINGS (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
IF(RMS) RMS forward voltage
14
A
IFSM
Surge non repetitive forward current
tp = 10ms sinusoidal
180
A
Ipeak
Peak current waveform
δ = 0.15 Tc = 130°C
17
A
Tstg
Storage temperature range
-65 to + 150
°C
Tj
Maximum operating junction temperature
+ 150
°C
1
2
Insulated TO-220AC
2
1
June 2005
REV. 4
FEATURES AND BENEFITS
Especially suited as boost diode in continuous
mode
power
factor
correctors
and
hard
switching conditions
Designed for high dI/dt operation. Hyperfast
recovery current to compete with SIC devices.
Allows downsizing of mosfet and heatsinks
Internal ceramic insulated devices with equal
thermal conditions for both 300V diodes
Insulation (2500VRMS) allows placement on
same heatsink as MOSFET and flexible
heatsinking on common or separate heatsink
Static and dynamic equilibrium of internal
diodes are warranted by design
Package capacitance: C=7pF
Order Codes
Part Number
Marking
STTH806DTI
STTH806DTI
DESCRIPTION
The
TURBOSWITCH
“H”
is
an
ultra
high
performance diode composed of two 300V dice in
series. TURBOSWITCH “H” family drastically cuts
losses in the associated MOSFET when run at
high dIF/dt.


Similar Part No. - STTH806DTI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH806DTI STMICROELECTRONICS-STTH806DTI Datasheet
42Kb / 5P
   Tandem 600V HYPERFAST BOOST DIODE
STTH806DTI STMICROELECTRONICS-STTH806DTI Datasheet
88Kb / 7P
   Tandem 600 V hyperfast boost diode
STTH806DTI STMICROELECTRONICS-STTH806DTI_07 Datasheet
88Kb / 7P
   Tandem 600 V hyperfast boost diode
More results

Similar Description - STTH806DTI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH806DTI STMICROELECTRONICS-STTH806DTI Datasheet
42Kb / 5P
   Tandem 600V HYPERFAST BOOST DIODE
STTH1506DPI STMICROELECTRONICS-STTH1506DPI Datasheet
72Kb / 5P
   Tandem 600V HYPERFAST BOOST DIODE
October 2003 - Ed: 2A
STTH506DTI STMICROELECTRONICS-STTH506DTI Datasheet
50Kb / 5P
   Tandem 600V HYPERFAST BOOST DIODE
October 2003 - Ed: 2A
STTH3006DPI STMICROELECTRONICS-STTH3006DPI Datasheet
68Kb / 5P
   Tandem 600V HYPERFAST BOOST DIODE
STTH806DTI STMICROELECTRONICS-STTH806DTI_07 Datasheet
88Kb / 7P
   Tandem 600 V hyperfast boost diode
STTH3006TPI STMICROELECTRONICS-STTH3006TPI Datasheet
55Kb / 5P
   Tandem 600V HYPERFAST RECTIFIER
June 2003 - Ed: 1A
STTH1506TPI STMICROELECTRONICS-STTH1506TPI Datasheet
71Kb / 5P
   Tandem 600V Hyperfast Rectifer
STTH506TTI STMICROELECTRONICS-STTH506TTI Datasheet
58Kb / 5P
   Tandem 600V HYPERFAST RECTIFIER
STTH806TTI STMICROELECTRONICS-STTH806TTI Datasheet
58Kb / 5P
   TURBOSWITCHO Tandem 600V ULTRA-FAST BOOST DIODE
STTH1008DTI STMICROELECTRONICS-STTH1008DTI Datasheet
264Kb / 9P
   800 V tandem hyperfast diode
March 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com