Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BR7.25 Datasheet(PDF) 2 Page - Kingbright Corporation

Part No. BR7.25
Description  SPACER FOR LED LAMP
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo 

BR7.25 Datasheet(HTML) 2 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPEC NO: DSAF6722
REV NO: V.1
DATE: AUG/13/2005
PAGE: 2 OF 2
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: W.J.ZHU
ERP:2101100030
PACKING & LABEL SPECIFICATIONS
BR7.25


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BR4.83SPACER FOR LED LAMP 1 2 Kingbright Corporation
BR5.08SPACER FOR LED LAMP 1 Kingbright Corporation
BR5.85SPACER FOR LED LAMP 1 2 Kingbright Corporation
RTC-51HOUSING FOR LED LAMP 1 Kingbright Corporation
TLRH4450Resistor LED for 5 V Supply Voltage 1 2 3 4 5 MoreVishay Siliconix
AAT3122High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
AAT3167High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
AM23ID-FSOT-23 SURFACE MOUNT LED LAMP 1 2 3 4 5 Kingbright Corporation
APA1606MGC1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP 1 2 3 4 5 Kingbright Corporation
APA2106SEC2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP 1 2 3 4 5 Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn