Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STG3699 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STG3699
Description  LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3699 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STG3699_05 Datasheet HTML 4Page - STMicroelectronics STG3699_05 Datasheet HTML 5Page - STMicroelectronics STG3699_05 Datasheet HTML 6Page - STMicroelectronics STG3699_05 Datasheet HTML 7Page - STMicroelectronics STG3699_05 Datasheet HTML 8Page - STMicroelectronics STG3699_05 Datasheet HTML 9Page - STMicroelectronics STG3699_05 Datasheet HTML 10Page - STMicroelectronics STG3699_05 Datasheet HTML 11Page - STMicroelectronics STG3699_05 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
STG3699
8/12
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.2
0.047
A1
0.05
0.15
0.002
0.004
0.006
A2
0.8
1
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.004
0.0079
D
4.9
5
5.1
0.193
0.197
0.201
E
6.2
6.4
6.6
0.244
0.252
0.260
E1
4.3
4.4
4.48
0.169
0.173
0.176
e
0.65 BSC
0.0256 BSC
K0˚
L
0.45
0.60
0.75
0.018
0.024
0.030
TSSOP16 MECHANICAL DATA
c
E
b
A2
A
E1
D
1
PIN 1 IDENTIFICATION
A1
L
K
e
0080338D


Similar Part No. - STG3699_05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3699A STMICROELECTRONICS-STG3699A Datasheet
525Kb / 11P
   LOW VOLTAGE 0.5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3699A STMICROELECTRONICS-STG3699A Datasheet
523Kb / 14P
   LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK-BEFORE-MAKE FEATURE
STG3699AQTR STMICROELECTRONICS-STG3699AQTR Datasheet
525Kb / 11P
   LOW VOLTAGE 0.5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3699AQTR STMICROELECTRONICS-STG3699AQTR Datasheet
523Kb / 14P
   LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK-BEFORE-MAKE FEATURE
STG3699AUTR STMICROELECTRONICS-STG3699AUTR Datasheet
523Kb / 14P
   LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK-BEFORE-MAKE FEATURE
More results

Similar Description - STG3699_05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3699A STMICROELECTRONICS-STG3699A_06 Datasheet
523Kb / 14P
   LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK-BEFORE-MAKE FEATURE
STG3699B STMICROELECTRONICS-STG3699B_07 Datasheet
259Kb / 18P
   Low voltage 0.5 廓 max, quad SPDT switch with break-before-make feature
STG3699 STMICROELECTRONICS-STG3699 Datasheet
274Kb / 12P
   LOW VOLTAGE 0.5??MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3684 STMICROELECTRONICS-STG3684_05 Datasheet
562Kb / 11P
   LOW VOLTAGE 0.5廓 MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3155 STMICROELECTRONICS-STG3155 Datasheet
383Kb / 18P
   Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
STG3690 STMICROELECTRONICS-STG3690_05 Datasheet
523Kb / 12P
   LOW VOLTAGE 5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3680 STMICROELECTRONICS-STG3680_05 Datasheet
531Kb / 11P
   LOW VOLTAGE 0.5/0.8廓 MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3699B STMICROELECTRONICS-STG3699B Datasheet
264Kb / 19P
   Low Voltage 0.5ohm Max, Quad SPDT Switch with break-before-make feature
STG3690 STMICROELECTRONICS-STG3690 Datasheet
171Kb / 11P
   LOW VOLTAGE 5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3699A STMICROELECTRONICS-STG3699A Datasheet
525Kb / 11P
   LOW VOLTAGE 0.5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com