Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHP73N06T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PHP73N06T
Description  N-channel enhancement mode field-effect transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP73N06T Datasheet(HTML) 3 Page - NXP Semiconductors

  PHP73N06T Datasheet HTML 1Page - NXP Semiconductors PHP73N06T Datasheet HTML 2Page - NXP Semiconductors PHP73N06T Datasheet HTML 3Page - NXP Semiconductors PHP73N06T Datasheet HTML 4Page - NXP Semiconductors PHP73N06T Datasheet HTML 5Page - NXP Semiconductors PHP73N06T Datasheet HTML 6Page - NXP Semiconductors PHP73N06T Datasheet HTML 7Page - NXP Semiconductors PHP73N06T Datasheet HTML 8Page - NXP Semiconductors PHP73N06T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Philips Semiconductors
PHP73N06T; PHB73N06T
N-channel enhancement mode field-effect transistor
Product specification
Rev. 01 — 12 March 2001
3 of 14
9397 750 08107
© Philips Electronics N.V. 2001. All rights reserved.
VGS ≥ 5V
Fig 1.
Normalized total power dissipation as a
function of mounting base temperature.
Fig 2.
Normalized continuous drain current as a
function of mounting base temperature.
Tmb =25 °C; IDM is single pulse
Unclamped inductive load; VDD ≤ 25 V; RGS =50 Ω;
VGS = 5 V; starting Tj =25 °C and 150 °C
Fig 3.
Safe operating area; continuous and peak drain
currents as a function of drain-source voltage.
Fig 4.
Non-repetitive avalanche ruggedness current
as a function of pulse duration.
03aa16
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
200
P
der
T
mb
(
o
C)
(%)
03aa24
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
200
I
der
(%)
T
mb
(
o
C)
P
der
P
tot
P
tot 25 C
°
()
----------------------
100%
×
=
I
der
I
D
I
D25 C
°
()
-------------------
100%
×
=
RDSon = VDS / ID
103
102
10
1
ID
(A)
1
10
102
VDS (V)
tp =
tp =
1
µs
10
µs
100
µs
1 ms
10 ms
100 ms
D.C.
tp
tp
T
P
t
T
δ =
003aaa083
102
10
1
Tj prior to avalanche = 150
o
C
25 oC
IAS
(A)
tp ms
10
1
10-1
10-2
10-3
003aaa085


Similar Part No. - PHP73N06T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP71NQ03LT PHILIPS-PHP71NQ03LT Datasheet
265Kb / 14P
   TrenchMOS logic level FET
Rev. 01-25 June 2002
PHP75NQ08T NXP-PHP75NQ08T Datasheet
185Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-2 March 2009
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
93Kb / 12P
   N-channel TrenchMOSTM logic level FET
Rev. 05-9 June 2005
PHP78NQ03LT NXP-PHP78NQ03LT Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 06-30 January 2009
More results

Similar Description - PHP73N06T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com